Electronic Components Datasheet Search |
|
QEHC49H3150FO5016 Datasheet(PDF) 2 Page - TEMEX |
|
QEHC49H3150FO5016 Datasheet(HTML) 2 Page - TEMEX |
2 / 3 page QEHC49U HC49U Crystal – Through Hole packaged Specification (rev-D) June 27 th, 2006 Freque ncy 1 TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost. Electrical Characteristics Electrical Parameters Unit Minimum Typical Maximum Test conditions Frequency range MHz 1.8432 125 Frequency Tolerance (at 25°C) ± ppm 10 30 50 Refer to Ordering Information Temperature Stability ± ppm 10 30 50 Refer to Ordering Information Operating Temperature Range °C -20/+70 -40/+85 Refer to Ordering Information Storage temperature range °C -40 +85 Shunt capacitance C0 pF 7.0 Load capacitance pF 10pF ~ 32pF or series Refer to Ordering Information Drive level µW 100 500 Aging (First Year) ± ppm 5 Ref at 25°C Insulator resistance MΩ 500 At 100VDC Customized specification upon request ESR vs. frequency range and Mode of vibration Mechanical Characteristics Marking for QEHC49-GW Line 1 VRDxxx (Temex code) Line 2 Frequency in MHz (6 digits) Line 3 YYWW – production code Frequency range (MHz) Mode of vibration Max ESR (Ω) Frequency range (MHz) Mode of vibration Max ESR (Ω) 1.8432 to 1.999 Fund. 650 6.000 to 7.9999 Fund. 50 2.000 to 2.999 Fund. 500 8.000 to 12.999 Fund. 35 3.000 to 3.499 Fund. 250 13.00 to 35.000 Fund. 25 3.500 to 3.999 Fund. 150 24.00 to 29.999 3rd 60 4.000 to 4.999 Fund. 100 30.00 to 79.999 3rd 40 5.000 to 5.999 Fund. 80 80.000 to 125.000 5th 90 H = 13.46 [0.529] max 5.0 [0.197] max Mechanical conditions Vibration 10g, 10Hz to 2KHz according to standard CEI 68-2-63 Shocks 100g, 6ms according to standard CEI 68-2-27 Note 1 : QEHC49U is fully RoHS compliant. |
Similar Part No. - QEHC49H3150FO5016 |
|
Similar Description - QEHC49H3150FO5016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |