Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM-7000 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRM-7000
Description  5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRM-7000 Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRM-7000 Datasheet HTML 1Page - Optoway Technology Inc TRM-7000 Datasheet HTML 2Page - Optoway Technology Inc TRM-7000 Datasheet HTML 3Page - Optoway Technology Inc TRM-7000 Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
TRM-7000
******************************************************************************************************************************************************************************
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2004 V2.0
TRM-7000 / TRM-7000C
5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
*****************************************************************************************************************************************************************************
FEATURES
l Duplex SC Multi-Mode Transceiver
l Compliant with IEEE-802.3z 1000BASE-SX
l Industry Standard 1 x 9 Footprint
l 850 nm VCSEL Transmission
l 0 to 70oC Operating Temperature
l Single +5 V Power Supply
l 300 meter with 62.5/125
µm MMF
l 500 meter with 50/125
µm MMF
l PECL Signal Detection Output (TRM-7000)
l TTL Signal Detection Output (TRM-7000C)
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Switch to Switch Interface
l High Speed Interface for File Servers
l High Performance Desktops
DESCRIPTION
The TRM-7000 series multi-mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such Gigabit Ethernet and
Fiber channel This module is designed for multi-mode
fiber and operates at a nominal wavelength of 850 nm. The
transmitter
section
uses
a
multiple
quantum well
VCSEL and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated
GaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC. A PECL logic interface simplifies
interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug
ORDER INFORMATION
P/No.
Distance
(m)
Wavelength
(nm)
Voltage
(V)
Connector
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
Signal
Detection
Case
TRM-7000-EM
300 / 500*
850
5
SC
0 to 70
-4 to -9.5
-18
PECL
Extended
TRM-7000C-EM 300 / 500*
850
5
SC
0 to 70
-4 to -9.5
-18
TTL
Extended
TRM-7100-EM
300 / 500*
850
3.3
SC
0 to 70
-4 to -9.5
-18
LVPECL
Extended
TRM-7100C-EM 300 / 500*
850
3.3
SC
0 to 70
-4 to -9.5
-18
LVTTL
Extended
Note: Distance: 300 m for 62.5/125
µm MMF, 500 m for 50/125 µm MMF


Similar Part No. - TRM-7000

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7000-EM OPTOWAY-TRM-7000-EM Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000A-EMG OPTOWAY-TRM-7000A-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000A-EMG OPTOWAY-TRM-7000A-EMG Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRM-7000

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000G OPTOWAY-TRM-7000G Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100 OPTOWAY-TRM-7100 Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRM-7100-EMG OPTOWAY-TRM-7100-EMG Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100G OPTOWAY-TRM-7100G Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
SPM-7101G OPTOWAY-SPM-7101G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G_08 Datasheet
146Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
GBM-7000G OPTOWAY-GBM-7000G Datasheet
84Kb / 4P
   5V / 850 nm / 1.25 Gbps Multi-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com