Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM-7000C-EM Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRM-7000C-EM
Description  5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRM-7000C-EM Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRM-7000C-EM Datasheet HTML 1Page - Optoway Technology Inc TRM-7000C-EM Datasheet HTML 2Page - Optoway Technology Inc TRM-7000C-EM Datasheet HTML 3Page - Optoway Technology Inc TRM-7000C-EM Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
TRM-7000
*****************************************************************************************************************************************************************************
******************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2004 V2.0
RECOMMENDED CIRCUIT SCHEMATIC
10nF
10uF
1uH
1uH
Z=50R
Z=50R
Z=50R
Z=50R
R3
R5
LD
Driver
Post
Amp
TD+
TD-
TX GND
RX GND
RD+
RD-
10nF
10uF
TX VCC
RX VCC
Transceiver
1
3
4
9
8
5
6
7
SD Level
2
120R
R4
R6
SD
R1
R2
VCC 5V
VCC 5V
VCC 5V
0.1uF
0.1uF
SerDes IC
TD+
TD-
RD-
RD+
For TTL SD Level R1=R2=N.C., R3=R5=82R, R4=R6=130R
For PECL SD Level R1=R3=R5=82R, R2=R4=R6=130R
PECL
CDR or PHY DEVICE
VCC 5V
PECL
VCC 5V
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The
power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module
Rx Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.
PACKAGE DIAGRAM
Units in mm
TX OPTICAL
RX OPTICAL
TRM-7000-EM / TRM-7000C-EM
Note: Specifications subject to change without notice.


Similar Part No. - TRM-7000C-EM

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7000C-EM OPTOWAY-TRM-7000C-EM Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRM-7000C-EMG OPTOWAY-TRM-7000C-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000C-EMG OPTOWAY-TRM-7000C-EMG Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRM-7000C-EM

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000G OPTOWAY-TRM-7000G Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100 OPTOWAY-TRM-7100 Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRM-7100-EMG OPTOWAY-TRM-7100-EMG Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100G OPTOWAY-TRM-7100G Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
SPM-7101G OPTOWAY-SPM-7101G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G_08 Datasheet
146Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
GBM-7000G OPTOWAY-GBM-7000G Datasheet
84Kb / 4P
   5V / 850 nm / 1.25 Gbps Multi-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com