Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM-7100C-EMG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRM-7100C-EMG
Description  3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRM-7100C-EMG Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRM-7100C-EMG Datasheet HTML 1Page - Optoway Technology Inc TRM-7100C-EMG Datasheet HTML 2Page - Optoway Technology Inc TRM-7100C-EMG Datasheet HTML 3Page - Optoway Technology Inc TRM-7100C-EMG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
TRM-7100-EMG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
3
Receiver Specifications (0
oC < Topr < 70oC, 3.1 V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-18
dBm
1
Maximum Input Power
Pin
0
---
dBm
Signal Detect -- Asserted
Pa
---
---
-18
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-30
---
---
dBm
Transition: high to low
Signal Detect -- Hysteresis
3
dB
Wavelength of Operation
770
---
860
nm
Electrical
Power Supply Current
Icc
100
mA
2
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
3
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
3
Signal Detect Output Voltage -- Low
VOL - VCC
-2.0
-1.58
V
Signal Detect Output Voltage -- High
VOH - VCC
-1.1
-0.74
V
TRM-7100
Signal Detect Output Voltage -- Low
VSDL
0.5
V
Signal Detect Output Voltage -- High
VSDH
2.0
V
TRM-7100C
1. Minimum sensitivity and saturation levels at BER=1E-12 for a 2
7-1 PRBS at ER= 9 dB. For example, an OMA of 22
µW is
approximately equal to an average power of -18.4 dBm, average with an Extinction ratio of 9 dB.
2. The current excludes the output load current.
3. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
CONNECTION DIAGRAM
Receiver Signal Ground
1 (Rx GND)
Receiver Data Out
2 (RD+)
N/C
Receiver Data Out Bar
3 (RD
−)
Signal Detect
4 (SD)
Receiver Power Supply
5 (Rx Vcc)
TOP VIEW
Transmitter Power Supply
6 (Tx Vcc)
Transmitter Data In Bar
7 (TD
−)
Transmitter Data In
8 (TD+)
N/C
Transmitter Signal Ground
9 (Tx GND)
PIN
Symbol
Notes
1
Rx GND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
Rx Vcc
+3.3V dc power for the receiver section
6
Tx Vcc
+3.3V dc power for the transmitter section
7
TD
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
Tx GND
Directly connect this plan to the transmitter ground plane


Similar Part No. - TRM-7100C-EMG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7100C-EMG OPTOWAY-TRM-7100C-EMG Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRM-7100C-EMG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7100G OPTOWAY-TRM-7100G Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000G OPTOWAY-TRM-7000G Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100 OPTOWAY-TRM-7100 Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRML-7100CG OPTOWAY-TRML-7100CG Datasheet
120Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRS-7350G OPTOWAY-TRS-7350G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7120G OPTOWAY-TRS-7120G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7380G OPTOWAY-TRS-7380G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7140G OPTOWAY-TRS-7140G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-73160G OPTOWAY-TRS-73160G Datasheet
104Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com