Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1113-BSSU Datasheet(PDF) 11 Page - ams AG

Part # AS1113-BSSU
Description  50mA, 16-Channel LED Driver with Diagnostics
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113-BSSU Datasheet(HTML) 11 Page - ams AG

Back Button AS1113-BSSU Datasheet HTML 7Page - ams AG AS1113-BSSU Datasheet HTML 8Page - ams AG AS1113-BSSU Datasheet HTML 9Page - ams AG AS1113-BSSU Datasheet HTML 10Page - ams AG AS1113-BSSU Datasheet HTML 11Page - ams AG AS1113-BSSU Datasheet HTML 12Page - ams AG AS1113-BSSU Datasheet HTML 13Page - ams AG AS1113-BSSU Datasheet HTML 14Page - ams AG AS1113-BSSU Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 24
AS1113
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 12. Switching Global Error Mode Timing Diagram
Error-Detection Mode
Acquisition of the error status occurs at the rising edge of OEN. Error-detection mode is started on the rising edge of
LD when OEN is high. The CLK signal must be low when entering error detection mode. Error detection for open- and
shorted-LEDs can only be performed for LEDs that are switched on during test time. To switch between error-detection
modes clock pulses are needed (see Table 5).
Note: To test all LEDs, a test pattern that turns on all LEDs must be input to the AS1113.
Global Error Mode
Global error mode is entered when error-detection mode is started. Clock pulses during this period are used to select
between temperature, open-LED, and shorted-LED tests, as well as low-current diagnostic mode and shutdown mode
(see Table 5). In global error mode, an error flag (TFLAG, OFLAG, SFLAG) is delivered to pin SDO if any errors are
encountered.
Note: For a valid result SDI must be 1 for the first device.
Table 5. Global Error Mode Selections
Clock
Pulses
Output Port
Error-Detection Mode
Global Error Flag/Shutdown Condition
0
Don't Care
Over-Temperature
Detection
TFLAG = SDO = 1: No over-temperature warning.
TFLAG = SDO = 0: Over-temperature warning.
1
Enabled
Open-LED Detection
OFLAG = SDO = 1: No open-LED error.
OFLAG = SDO = 0: Open-LED error.
2
Enabled
Shorted-LED Detection
SFLAG = SDO = 1: No shorted-LED error.
SFLAG = SDO = 0: Shorted-LED error.
3
Don't Care
Low-Current Diagnostic
Mode
4
Don't Care
Shutdown Mode
SDI = 1: Wakeup
SDI = 0: Shutdown
tTESTING
tSU(ERROR)
OFLAG(IN)
SFLAG(IN)
TFLAG(IN)
TFLAG
OFLAG
SFLAG
tSW(ERROR)
SDI
OEN
LD
CLK
SDO
Don’t
Care
Don’t
Care
tGSW(ERROR)
tP(I/O)
tP4
tP(I/O)
tP(I/O)
tSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)
Don’t
Care
Acquisition of
Error Status


Similar Part No. - AS1113-BSSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113-BSSU AMSCO-AS1113-BSSU Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113-BSSU AMSCO-AS1113-BSSU Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1113-BSSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com