Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5495ETE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5495ETE
Description  10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5495ETE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5495ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 9Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 10Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10-Bit, Dual, Nonvolatile, Linear-Taper
Digital Potentiometers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = +5.0V, VSS = 0, TA = +25°C, unless otherwise noted.)
WIPER RESISTANCE vs. WIPER VOLTAGE
(VARIABLE RESISTOR)
WIPER VOLTAGE (V)
4
3
2
1
17
19
20
21
22
16
05
CODE IS 00 0000 0000
VDD = 5V
18
END-TO-END RESISTANCE (RHL)
% CHANGE vs. TEMPERATURE
(VOLTAGE-DIVIDER)
TEMPERATURE (
°C)
60
35
10
-15
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40
85
WIPER-TO-END RESISTANCE (RWL)
% CHANGE vs. TEMPERATURE
(VARIABLE RESISTOR)
TEMPERATURE (
°C)
60
35
10
-15
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40
85
CODE IS 11 1111 1111
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.3
0.6
0.9
1.2
1.5
0
-40
85
VDD = 5.25V
DIGITAL SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
4
3
2
1
1
10
100
1000
10,000
0.1
05
VDD = 5V
RATIOMETRIC TEMPERATURE
COEFFICIENT vs. CODE
CODE
896
768
512 640
256 384
128
20
40
60
80
100
120
140
160
180
200
0
01024
VOLTAGE-DIVIDER
VDD = 3V
TA = -40
°C TO +85°C
10k
50k
VARIABLE RESISTOR TEMPERATURE
COEFFICIENT vs. CODE
CODE
896
768
512 640
256 384
128
100
200
300
400
500
600
700
0
01024
VDD = 3V
TA = -40
°C TO +85°C
10k
50k
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5494/MAX5498)
MAX5494 toc17
VW_
20mV/div
1
µs/div
CS
2V/div
H_ = VDD
L_ = GND
FROM CODE 01111 11111
TO CODE 10000 00000
CW_ = 10pF
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5495/MAX5499)
MAX5494 toc18
VW_
20mV/div
4
µs/div
H_ = VDD
L_ = GND
FROM CODE 01111 11111
TO CODE 10000 00000
CW_ = 10pF
CS
2V/div


Similar Part No. - MAX5495ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5495ETE MAXIM-MAX5495ETE Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
More results

Similar Description - MAX5495ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com