Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5495ETE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5495ETE
Description  10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5495ETE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5495ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 9Page - Maxim Integrated Products MAX5495ETE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
10-Bit, Dual, Nonvolatile, Linear-Taper
Digital Potentiometers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5.0V, VSS = 0, TA = +25°C, unless otherwise noted.)
DIFFERENTIAL NONLINEARITY
vs. CODE (VARIABLE RESISTOR)
CODE
896
768
512 640
256 384
128
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
01024
VDD = 3V
INTEGRAL NONLINEARITY
vs. CODE (VARIABLE RESISTOR)
CODE
896
768
512 640
256 384
128
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
0
1024
VDD = 3V
MAXIMUM DIFFERENTIAL NONLINEARITY
vs. SUPPLY VOLTAGE (VARIABLE RESISTOR)
VDD (V)
4.5
4.0
3.5
3.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
2.5
5.0
MAXIMUM INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE (VARIABLE RESISTOR)
VDD (V)
4.5
4.0
3.5
3.0
-1.5
-1.0
-0.5
0
0.5
1.0
-2.0
2.5
5.0
DIFFERENTIAL NONLINEARITY
vs. CODE (VOLTAGE-DIVIDER)
CODE
896
768
512 640
256 384
128
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
1024
VDD = 3V
INTEGRAL NONLINEARITY
vs. CODE (VOLTAGE-DIVIDER)
CODE
896
768
512 640
256 384
128
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
01024
VDD = 3V
WIPER RESISTANCE vs. CODE
(VARIABLE RESISTOR)
CODE
896
768
512 640
256 384
128
10
20
40
30
50
60
70
80
0
01024
0
10
20
30
40
50
60
0256
128
384 512 640 768 896 1024
END-TO-END RESISTANCE
vs. CODE (MAX5497/MAX5499)
CODE
END-TO-END RESISTANCE vs. CODE
(MAX5496/MAX5498)
CODE
896
768
512 640
256 384
128
2
4
6
8
10
12
0
01024


Similar Part No. - MAX5495ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5495ETE MAXIM-MAX5495ETE Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
More results

Similar Description - MAX5495ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com