Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5496ETE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5496ETE
Description  10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5496ETE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5496ETE Datasheet HTML 1Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5496ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX5494–MAX5499 10-bit (1024-tap), dual, non-
volatile, linear-taper, programmable voltage-dividers
and variable resistors perform the function of a
mechanical potentiometer, but replace the mechanics
with a 3-wire SPI™-compatible serial interface. The
MAX5494/MAX5495 are dual, 3-terminal, programma-
ble voltage-dividers; the MAX5496/MAX5497 are dual,
2-terminal variable resistors; and the MAX5498/
MAX5499 include one 2-terminal variable resistor and
one 3-terminal programmable voltage-divider.
The MAX5494–MAX5499 feature an internal, nonvolatile,
electrically erasable programmable read-only memory
(EEPROM) that stores the wiper position for initialization
during power-up. The 3-wire SPI-compatible serial inter-
face allows communication at data rates up to 7MHz.
The MAX5494–MAX5499 are ideal for applications requir-
ing digitally controlled potentiometers. End-to-end resis-
tance values of 10k
Ω and 50kΩ are available with a
35ppm/°C end-to-end temperature coefficient. The ratio-
metric temperature coefficient is 5ppm/°C for each chan-
nel, making these devices ideal for applications requiring
low-temperature-coefficient programmable voltage-
dividers such as low-drift, programmable-gain amplifiers.
The MAX5494–MAX5499 operate with either a single
power supply (+2.7V to +5.25V) or dual power supplies
(±2.5V). The devices consume 400µA (max) of supply
current when writing data to the nonvolatile memory
and 1.5µA (max) of standby supply current. The
devices are available in space-saving (5mm x 5mm x
0.8mm), 16-pin TQFN package and are specified over
the extended (-40°C to +85°C) temperature range.
Applications
Gain and Offset Adjustment
LCD Contrast Adjustment
Pressure Sensors
Low-Drift Programmable-Gain Amplifiers
Mechanical Potentiometer Replacement
Volume Control
Features
♦ Wiper Position Stored in Nonvolatile Memory and
Recalled Upon Power-Up
♦ 16-Pin, 5mm x 5mm x 0.8mm TQFN Package
♦ 35ppm/°C End-to-End Resistance Temperature
Coefficient
♦ 5ppm/°C Ratiometric Temperature Coefficient
♦ 10kΩ and 50kΩ End-to-End Resistor Values
♦ 3-Wire SPI-Compatible Serial Interface
♦ Reliability (TA = +85°C)
50,000 Wiper Store Cycles
50 Years Wiper Data Retention
♦ 1.5µA (max) Standby Current
♦ Single +2.7V to +5.25V Supply Operation
♦ Dual ±2.5V Supply Operation
10-Bit, Dual, Nonvolatile, Linear-Taper
Digital Potentiometers
________________________________________________________________ Maxim Integrated Products
1
16
12
34
12
11
10
9
15
14
13
5
6
7
8
SCLK
N.C.
N.C.
DIN
VDD
N.C.
N.C.
VSS
TOP VIEW
MAX5494
MAX5495
5mm
× 5mm × 0.8mm TQFN
16
12
34
12
11
10
9
15
14
13
5
6
7
8
SCLK
N.C.
N.C.
DIN
VDD
N.C.
N.C.
VSS
MAX5496
MAX5497
5mm
× 5mm × 0.8mm TQFN
PART
TEMP RANGE
PIN-
PACKAGE
PKG CODE
MAX5494ETE
-40°C to +85°C
16 TQFN-EP*
T1655-2
MAX5495ETE
-40°C to +85°C
16 TQFN-EP*
T1655-2
Pin Configurations
Ordering Information
19-3562; Rev 1; 6/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed pad.
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.
Pin Configurations continued at end of data sheet.
SPI is a trademark of Motorola, Inc.


Similar Part No. - MAX5496ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5496ETE MAXIM-MAX5496ETE Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
More results

Similar Description - MAX5496ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com