Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2688M-ADJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2688M-ADJ
Description  Non-synchronous Step-down Controller for Pentium Microprocessors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2688M-ADJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM2688M-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2688M-ADJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bill of Material (Continued)
Label
Value
Type
Part Number
Manufacturer
R6
10
Resistor
Q1
BJT, PNP
3906
National
U1
IC, PWM
LM2688M-ADJ
National
D1
Diode, Schottky
MBR2515L
Motorola
D2
Diode
1N4148
National
M1
MOSFET, 10 m
Ω R
dson
NDS8410A
Fairchild
M2
MOSFET, 10 m
Ω R
dson
NDS8410A
Fairchild
www.national.com
6


Similar Part No. - LM2688M-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6X NSC-LM2681M6X Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2688M-ADJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6124 EXAR-XRP6124 Datasheet
481Kb / 12P
   Non-Synchronous PFET Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com