Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6662MSA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6662MSA
Description  12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6662MSA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6662MSA Datasheet HTML 1Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 2Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 3Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 4Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 5Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6662MSA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
12-Bit + Sign Temperature Sensor with
SPI-Compatible Serial Interface
4
_______________________________________________________________________________________
0
4
2
8
6
10
12
-50
50
0
100
150
SHUTDOWN CURRENT
VS.
TEMPERATURE
TEMPERATURE (
°C)
VCC = +5.0V
VCC = +3.0V
VCC = +3.3V
Typical Operating Characteristics (continued)
(VCC = +3V, TA = +25°C, unless otherwise noted.)
Pin Description
Detailed Description
The MAX6662 continuously converts its die tempera-
ture into a digital value using its integrated ADC.
Temperature data is updated twice a second. The
resulting data is readable at any time through the SPI-
compatible serial interface.
Figure 1 shows the simplified functional diagram of the
MAX6662. Its internal current sources force 100µA and
10µA currents through a diode (diode-connected tran-
sistor), while the integrating ADC measures the voltage
difference. The difference in voltage corresponds to the
die temperature. The result is stored in the Temperature
register. The control logic unit compares the tempera-
ture and the temperature limit settings stored in the reg-
isters to determine whether a fault condition has
occurred.
Temperature Fault Alert
The
ALERT is an open-drain active-low (default, also
programmable active-high) output used to alert the sys-
tem to temperature faults.
ALERT can be programmed
to operate in either one of two modes: comparator or
interrupt mode.
Interrupt Mode
In the interrupt mode, the MAX6662
ALERT pin asserts
an alarm for an undertemperature (TLOW) fault, as well
as for an overtemperature (THIGH) fault. Once either
fault has occurred, it remains active indefinitely, regard-
less of condition.
ALERT is unconditionally deasserted
(even if Temperature is still out of limits) by reading the
temperature register.
ALERT only asserts again if the
temperature crosses the hysteresis, thereby corre-
sponding to the fault (TLOW or THIGH) that initially set
the
ALERT.
PIN
NAME
FUNCTION
1
SCLK
Serial-Clock Input
2
CS
Chip Select Input. Set low to enable the serial interface for data input/output.
3
SIO
Serial-Data Input/Output. Bidirectional data input and output for serial interface.
4
GND
Ground
5
OT
Overtemperature Output. Open-drain output requires a pullup resistor to VCC.
6
ALERT
Alert Output. Open-drain output requires a pullup resistor to VCC.
7
NC
No Connection. Do not make a connection to this pin.
8VCC
Supply Voltage Input. Bypass to GND with a 0.1µF capacitor as close to VCC as possible.


Similar Part No. - MAX6662MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6662MSA MAXIM-MAX6662MSA Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
More results

Similar Description - MAX6662MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6633 MAXIM-MAX6633 Datasheet
210Kb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Rev 0; 8/01
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 TI-LM74_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com