Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS-5240G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRS-5240G
Description  5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-5240G Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRS-5240G Datasheet HTML 1Page - Optoway Technology Inc TRS-5240G Datasheet HTML 2Page - Optoway Technology Inc TRS-5240G Datasheet HTML 3Page - Optoway Technology Inc TRS-5240G Datasheet HTML 4Page - Optoway Technology Inc TRS-5240G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
TRS-5240G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2006 V1.0
3
CONNECTION DIAGRAM
Receiver Signal Ground
1 (Rx GND)
Receiver Data Out
2 (RD+)
N/C
Receiver Data Out Bar
3 (RD
−)
Signal Detect
4 (SD)
Receiver Power Supply
5 (Rx Vcc)
TOP VIEW
Transmitter Power Supply
6 (Tx Vcc)
Transmitter Data In Bar
7 (TD
−)
Transmitter Data In
8 (TD+)
N/C
Transmitter Signal Ground
9 (Tx GND)
PIN
Symbol
Notes
1
Rx GND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
Rx Vcc
+5V dc power for the receiver section
6
Tx Vcc
+5V dc power for the transmitter section
7
TD
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
Tx GND
Directly connect this plan to the trransmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The
power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module
Rx Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.


Similar Part No. - TRS-5240G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-52120-CXX0G OPTOWAY-TRS-52120-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-52160-CXX0G OPTOWAY-TRS-52160-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5280-CXX0G OPTOWAY-TRS-5280-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5280AG OPTOWAY-TRS-5280AG Datasheet
159Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5280G OPTOWAY-TRS-5280G Datasheet
159Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-5240G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5280G OPTOWAY-TRS-5280G Datasheet
159Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5340G OPTOWAY-TRS-5340G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5380G OPTOWAY-TRS-5380G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53120G OPTOWAY-TRS-53120G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5020G OPTOWAY-TRS-5020G Datasheet
159Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5040G OPTOWAY-TRS-5040G Datasheet
158Kb / 5P
   5V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3220G OPTOWAY-TRS-3220G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3240G OPTOWAY-TRS-3240G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3280G OPTOWAY-TRS-3280G Datasheet
141Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32100G OPTOWAY-TRS-32100G Datasheet
140Kb / 5P
   5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com