Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS-5380AG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRS-5380AG
Description  3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-5380AG Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRS-5380AG Datasheet HTML 1Page - Optoway Technology Inc TRS-5380AG Datasheet HTML 2Page - Optoway Technology Inc TRS-5380AG Datasheet HTML 3Page - Optoway Technology Inc TRS-5380AG Datasheet HTML 4Page - Optoway Technology Inc TRS-5380AG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
TRS-5380G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
3
CONNECTION DIAGRAM
Receiver Signal Ground
1 (Rx GND)
Receiver Data Out
2 (RD+)
N/C
Receiver Data Out Bar
3 (RD
−)
Signal Detect
4 (SD)
Receiver Power Supply
5 (Rx Vcc)
TOP VIEW
Transmitter Power Supply
6 (Tx Vcc)
Transmitter Data In Bar
7 (TD
−)
Transmitter Data In
8 (TD+)
N/C
Transmitter Signal Ground
9 (Tx GND)
PIN
Symbol
Notes
1
Rx GND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
Rx Vcc
+3.3V dc power for the receiver section
6
Tx Vcc
+3.3V dc power for the transmitter section
7
TD
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
Tx GND
Directly connect this plan to the trransmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The
power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx
Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.


Similar Part No. - TRS-5380AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5380-CXX0G OPTOWAY-TRS-5380-CXX0G Datasheet
156Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-5380AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5340G OPTOWAY-TRS-5340G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53120G OPTOWAY-TRS-53120G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5280G OPTOWAY-TRS-5280G Datasheet
159Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5240G OPTOWAY-TRS-5240G Datasheet
155Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53160G OPTOWAY-TRS-53160G Datasheet
144Kb / 5P
   3.3V / 1550 nm / 622 Mbps Optical Single-Mode Transceiver
TRS-5140G OPTOWAY-TRS-5140G Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5120G OPTOWAY-TRS-5120G Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3320G OPTOWAY-TRS-3320G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33200G OPTOWAY-TRS-33200G Datasheet
105Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3340G OPTOWAY-TRS-3340G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com