Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS-9015CG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # TRS-9015CG
Description  5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-9015CG Datasheet(HTML) 2 Page - Optoway Technology Inc

  TRS-9015CG Datasheet HTML 1Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 2Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 3Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 4Page - Optoway Technology Inc TRS-9015CG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
TRS-9015CG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2006 V1.0
2
Transmitter Specifications (0
oC < Topr < 70oC, 4.75V < Vcc < 5.25V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-5
---
0
dBm
1
Output Center Wavelength
λ
1270
1310
1360
nm
Output Spectrum Width
∆λ
---
---
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
8.2
---
---
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
150
ps
20% to 80% Values
Optical Fall Time
tf
150
ps
20% to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
1600
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
2
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
2
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.
Receiver Specifications (0
oC < Topr < 70oC, 4.75 V < Vcc < 5.25V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-18
dBm
1
Maximum Input Power
Pin
0
---
dBm
Signal Detect -- Asserted
Pa
---
---
-18
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-30
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1260
---
1600
nm
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
2
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
2
Signal Detect Output Voltage -- Low
VSDL
0.5
V
Signal Detect Output Voltage -- High
VSDH
2.0
V
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 2
23-1 PRBS.
2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.


Similar Part No. - TRS-9015CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-9015CG OPTOWAY-TRS-9015CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-9015CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-9015G OPTOWAY-TRS-9015G Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9040G OPTOWAY-TRS-9040G Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9040CG OPTOWAY-TRS-9040CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9002G OPTOWAY-TRS-9002G Datasheet
124Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9002CG OPTOWAY-TRS-9002CG Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9140CG OPTOWAY-TRS-9140CG Datasheet
123Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7030G OPTOWAY-TRS-7030G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7010G OPTOWAY-TRS-7010G Datasheet
105Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7020G OPTOWAY-TRS-7020G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9102G OPTOWAY-TRS-9102G Datasheet
125Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com