Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-T7288IW Datasheet(PDF) 7 Page - Exar Corporation

Part # XR-T7288IW
Description  CEPT1 Line Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T7288IW Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR-T7288IW Datasheet HTML 3Page - Exar Corporation XR-T7288IW Datasheet HTML 4Page - Exar Corporation XR-T7288IW Datasheet HTML 5Page - Exar Corporation XR-T7288IW Datasheet HTML 6Page - Exar Corporation XR-T7288IW Datasheet HTML 7Page - Exar Corporation XR-T7288IW Datasheet HTML 8Page - Exar Corporation XR-T7288IW Datasheet HTML 9Page - Exar Corporation XR-T7288IW Datasheet HTML 10Page - Exar Corporation XR-T7288IW Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
XR-T7288
7
Rev. 1.01
VCC
8
9
RP5H 330
7
10
RP5G
L5
VIO/RDATA
L1
BL
TP1
XTALOUT
11
10
Q2E
04
13
12
Q2F
04
BL
XTAL1
8.192MHz
VCC
2
RRPOS
15
RClk
4
RRClk
13
RNEG
3
RRNEG
14
BL
11
XTAL2
10
XTAL1
9
XTAL
7
DJA
1
BDS
5
TEST
6
RST
12
GND
8
Q3
2188
(Jitter Attenuator)
2
1
3
J8
2
1
3
J6
2
1
3
J7
RPOS
RRPOS
RNEG
RClk
RRClk
1
2
B5
RNDATA
1
2
B6
RClk
1
2
B4
RPDATA
RRNEG
HDB3
VCC
1
1
6
RP2A
10K
1
2
B8
TNDATA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW1
ON
2
1
5
1
1
6
RP4A
10K
RPDATA
6
RClk
5
RNDATA
4
TNDATA
3
LP1
9
LP3
10
LP3
11
ALMT
12
RBC
13
TBC
14
TPDATA
8
TClk
7
BClk
15
VCCD
21
VCCA
24
GNDA
25
GNDD
19
NC
18
SR/DR
16
ZS
23
SD
26
FLM
17
LOC
2
LOS
1
T1
28
R1
27
T2
22
R2
20
Q1
XR-T7288
RST
BDS
TEST
DJA
FLM
SD
ZS
3
1
4
4
1
3
5
1
2
6
1
1
7
1
0
8
9
1
2
Q2A
04
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW2
ON
SRDR
3
14
RP5C 330
L3
LOC
R16 200
5
12
RP5E 330
T2
PE-65415
2:1
1
2
B3
RXIN
L2
LOS
R8 270
R2
866
2
1
3
J4
R5 270
R3
866
2
1
3
J3
TWP
TWP
COAX
COAX
R13
26.1
2
1
3
J2
3
4
Q2B
04
7
1
0
8
9
LOC
LOS
VCC
2
1
5
RP2B
10K
3
1
4
4
1
3
5
1
2
6
1
1
TPDATA
1
2
B7
RPDATA
2
1
3
J5
EXT
TClk
R17
75
1
2
B9
TClk
1
2
B1
BLUE
CLOCK
BClk
VCC
C2
0.1uF
R14
15.4
TWP
COAX
TWP
COAX
2
1
3
J1
R11
26.1
R15
15.4
E1
22uF
C1
0.1uF
T1
PE-64937
1:1.36
1
16
RP5A 330
1
2
B2
TXOUT
L4
PWR
1
P1
VCC
1
P2
GND
Figure 2. Suggested Application Circuit
VCC
16
RPOS


Similar Part No. - XR-T7288IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295E EXAR-XR-T7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7295E-1EIP EXAR-XR-T7295E-1EIP Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7295E-1EIW EXAR-XR-T7295E-1EIW Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7295IP EXAR-XR-T7295IP Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
More results

Similar Description - XR-T7288IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7288 EXAR-XRT7288 Datasheet
1Mb / 24P
   CEPT1 Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
   LINE INTERFACE TRANSFORMER
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
   Receive Line Interface
062101
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
   Receive Line Interface
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
   LINE INTERFACE MODULE
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
   Transmit Line Interface
logo
XFMRS Inc.
XF0709-AD70S XFMRS-XF0709-AD70S Datasheet
83Kb / 1P
   LINE INTERFACE XFMR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com