Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS-53120G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRS-53120G
Description  3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-53120G Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRS-53120G Datasheet HTML 1Page - Optoway Technology Inc TRS-53120G Datasheet HTML 2Page - Optoway Technology Inc TRS-53120G Datasheet HTML 3Page - Optoway Technology Inc TRS-53120G Datasheet HTML 4Page - Optoway Technology Inc TRS-53120G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRS-53120G
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
1
TRS-53120G / TRS-53120TG / TRS-53120FG /
TRS-53120CG / TRS-53120CTG / TRS-53120CFG
3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
*********************************************************************************************************************************************************************
FEATURES
l Duplex SC Single Mode Transceiver: TRS-53120G
l Duplex ST Single Mode Transceiver: TRS-53120TG
l Duplex FC Single Mode Transceiver: TRS-53120FG
l Long-Reach SONET OC-3 / SDH STM-4 (L-4.2)
Compliant
l 1550 nm DFB LD Transmitter
l Industry Standard 1 x 9 Footprint
l Single +3.3 V Power Supply
l Distance up to 120 km
l RoHS Compliant
l 0 to 70oC Operatring
l PECL Signal Detection Output: TRS-53120G
l TTL Signal Detection Output: TRS-53120CG
l LED Multisourced 1 x 9 Transceiver Interchangeable
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM 622 Mbps Links
l SONET/SDH Equipment Interconnect
l Fibre Channel 532 Mbps Links
DESCRIPTION
The TRS-53120G series single mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such as SONET OC-12 / SDH
STM-4. This module is designed for single mode fiber and
operates at a nominal wavelength of 1550 nm. The
transmitter section uses a multiple quantum well 1550
nm DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC. A PECL logic interface simplifies
interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Voltage
(V)
Package
Temp.
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRS-53120G
622
120
1550 DFB
3.3
1X9 SC/ST/FC
0 to 70
5 to 0
-34
Y
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature
Topr
0
70
oC
Data Rate
50
622
Mb/s
Power Supply Current
Icc
260
mA


Similar Part No. - TRS-53120G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-53120-CXX0G OPTOWAY-TRS-53120-CXX0G Datasheet
156Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-53120G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-5340G OPTOWAY-TRS-5340G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5380G OPTOWAY-TRS-5380G Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5280G OPTOWAY-TRS-5280G Datasheet
159Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5240G OPTOWAY-TRS-5240G Datasheet
155Kb / 5P
   5V / 1550 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53160G OPTOWAY-TRS-53160G Datasheet
144Kb / 5P
   3.3V / 1550 nm / 622 Mbps Optical Single-Mode Transceiver
TRS-5140G OPTOWAY-TRS-5140G Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5120G OPTOWAY-TRS-5120G Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3320G OPTOWAY-TRS-3320G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33200G OPTOWAY-TRS-33200G Datasheet
105Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3340G OPTOWAY-TRS-3340G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com