Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LT300 Datasheet(PDF) 3 Page - Littelfuse

Part # 24LT300
Description  POLYFUSE짰 Resettable PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

24LT300 Datasheet(HTML) 3 Page - Littelfuse

  24LT300 Datasheet HTML 1Page - Littelfuse 24LT300 Datasheet HTML 2Page - Littelfuse 24LT300 Datasheet HTML 3Page - Littelfuse 24LT300 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.littelfuse.com
©2006 Littelfuse
LT Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Axial Leaded Strap
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+70°C, 1000 hours
±10% typical resistance change
Humidity Aging
+85°C, 85%R.H. 7days
±5% typical resistance change
Vibration
MIL-LTD-883C, Condition A
No change
Physical Specifications
Terminal Material
0.13mm nominal thickness, quarter-hard
nickel
Insulating Material Polyester tape
Dimensions
E
B
D1
D2
C
A
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
E
B
D1
D2
C
A
Figure 1
Figure 2
Figure 3
SLIT
NOMINAL
0.5 x 4.0
(.02”x .15”)
Lot Number
(Contact Littelfuse
for additional
information)
Marking
Marking
Marking
LT
190S
XXJJ
Product Series
Current Rating
Littelfuse
Trademark
Top Side
Part
Number
A
B
C
D1
D2
E
Fig.
Inches
mm
Inches
mm
Inches
mm
in. mm in. mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Min. Min. Min. Min Max. Min. Max.
15LT070
0.78 0.87 19.9 22.1 0.19 0.20 4.9
5.2 0.03 0.05 0.7
1.2 0.22 5.5 0.22 5.5 0.01 0.22 3.9
4.1
1
15LT070S
0.78 0.87 19.9 22.1 0.19 0.20 4.9
5.2 0.03 0.05 0.7
1.2 0.22 5.5 0.22 5.5 0.01 0.22 3.9
4.1
2
24LT100
0.82 0.91 20.9 23.1 0.19 0.20 4.9
5.2 0.02 0.04 0.6
1
0.16 4.1 0.16 4.1 0.01 0.16 3.9
4.1
1
24LT100S
0.82 0.91 20.9 23.1 0.19 0.20 4.9
5.2 0.02 0.04 0.6
1
0.16 4.1 0.16 4.1 0.01 0.16 3.9
4.1
2
24LT100SS 0.82 0.91 20.9 23.1 0.19 0.20 4.9
5.2 0.02 0.04 0.6
1
0.16 4.1 0.16 4.1 0.01 0.16 3.9
4.1
3
24LT180
0.94 1.02
24
26
0.19 0.20 4.9
5.2 0.02 0.04 0.6
1
0.16 4.1 0.16 4.1 0.01 0.16 3.9
4.1
1
24LT180S
0.94 1.02
24
26
0.19 0.20 4.9
5.2 0.02 0.04 0.6
1
0.16 4.1 0.16 4.1 0.01 0.16 3.9
4.1
2
24LT180SS 0.94 1.02
24
26
0.19 0.20 4.9
5.2 0.02 0.04 0.6
1
0.16 4.1 0.16 4.1 0.01 0.16 3.9
4.1
3
24LT190
0.84 0.92 21.3 23.4 0.40 0.43 10.2
11
0.02 0.04 0.5
1
0.20
5
0.20
5
0.01 0.20 4.8
5.4
1
24LT190S
0.84 0.92 21.3 23.4 0.40 0.43 10.2
11
0.02 0.04 0.5
1
0.20
5
0.20
5
0.01 0.20 4.8
5.4
2
24LT260
0.94 1.02
24
26
0.43 0.47 10.8 11.9 0.02 0.04 0.6
1
0.20
5
0.20
5
0.01 0.20 5.9
6.1
1
24LT300
1.12 1.25 28.4 31.8 0.51 0.53
13
13.5 0.02 0.04 0.5
1.1 0.25 6.3 0.25 6.3 0.00 0.25
6
6.6
1
24LT310
0.94 1.02
24
26
0.58 0.63 14.8 15.9 0.02 0.04 0.6
1
0.20
5
0.20
5
0.01 0.20 5.9
6.1
1
24LT340
0.94 1.02
24
26
0.58 0.63 14.8 15.9 0.02 0.04 0.6
1
0.20
5
0.20
5
0.01 0.20 5.9
6.1
1


Similar Part No. - 24LT300

ManufacturerPart #DatasheetDescription
logo
Rohm
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
24L04F-W ROHM-24L04F-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Microchip Technology
24LC00 MICROCHIP-24LC00 Datasheet
156Kb / 18P
   128 Bit I2C Bus Serial EEPROM
2003
24LC00 MICROCHIP-24LC00 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24LC00 MICROCHIP-24LC00 Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
More results

Similar Description - 24LT300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com