Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLLU1350 Datasheet(PDF) 3 Page - Littelfuse

Part # KLLU1350
Description  General Purpose Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLLU1350 Datasheet(HTML) 3 Page - Littelfuse

  KLLU1350 Datasheet HTML 1Page - Littelfuse KLLU1350 Datasheet HTML 2Page - Littelfuse KLLU1350 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Fuses
28
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
KLLU Class L Fuses
600 VAC • Time-Delay • 601 – 4000 Amperes
1000
800
600
400
300
200
100
80
60
40
30
20
10
8
6
4
3
2
1
.8
.6
.4
.3
.2
.1
.08
.06
.04
.03
.02
.01
CURRENT IN AMPERES
565001
SYMMETRICAL R.M.S. AMPERES
AVAILABLE FAULT CURRENT
800A
1200A
1600A
2000A
3000A
4000A
10000000
1000000
100000
10000
1000
Current-Limiting Effects of KLLU (600V) fuses
Short-Circuit Current*
Apparent RMS Symmetrical Current for Various Fuse Ratings
800A
1200A
1600A
2000A
3000A
4000A
5,000
5,000
5,000
5,000
5,000
5,000
5,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
15,000
11,900
15,000
15,000
15,000
15,000
15,000
20,000
13,000
18,500
20,000
20,000
20,000
20,000
25,000
14,000
20,000
25,000
25,000
25,000
25,000
30,000
14,500
21,000
26,500
30,000
30,000
30,000
35,000
15,000
22,000
28,500
34,000
35,000
35,000
40,000
16,000
23,000
30,000
35,000
37,000
40,000
50,000
17,000
24,000
32,000
38,000
39,000
44,000
60,000
18,000
26,000
34,000
42,000
43,000
50,000
80,000
19,000
28,000
36,000
44,000
46,000
54,500
100,000
21,000
30,000
38,000
46,000
48,000
57,500
150,000
24,000
35,000
44,000
50,000
51,000
68,000
200,000
26,000
38,000
48,000
53,000
60,000
74,000
* Prospective RMS Sym­m­etrical Am­peres Short-Circuit Current
Note: Data Derived from Peak Let-Thru Curves


Similar Part No. - KLLU1350

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLLU LITTELFUSE-KLLU Datasheet
435Kb / 2P
   600 VAC
KLLU LITTELFUSE-KLLU_12 Datasheet
435Kb / 2P
   600 VAC
More results

Similar Description - KLLU1350

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLNR LITTELFUSE-KLNR Datasheet
188Kb / 2P
   General Purpose Fuses
logo
Cooper Bussmann, Inc.
NON-1 COOPER-NON-1 Datasheet
279Kb / 4P
   NON (250V) 1??-600A, General Purpose Fuses
logo
List of Unclassifed Man...
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
   General Purpose Power Entry Module with Fuses
logo
List of Unclassifed Man...
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com