Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210L005 Datasheet(PDF) 4 Page - Littelfuse

Part # 1210L005
Description  POLYFUSE짰 Resettable PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L005 Datasheet(HTML) 4 Page - Littelfuse

  1210L005 Datasheet HTML 1Page - Littelfuse 1210L005 Datasheet HTML 2Page - Littelfuse 1210L005 Datasheet HTML 3Page - Littelfuse 1210L005 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1210L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: W=3000 Y=4000
R: Tape & Reel
1210 L 110 W R
SERIES
Dimensions
Part Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min.
Min. Min Max. Min. Max.
1210L005
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.03 0.05 0.75 1.25
0.01
0.25 0.008 0.02 0.20 0.50
1210L010
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.03 0.05 0.75 1.25
0.01
0.25 0.008 0.02 0.20 0.50
1210L020
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.04 0.60 1.00
0.01
0.25 0.008 0.02 0.20 0.50
1210L035
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.03 0.50 0.85
0.01
0.25 0.008 0.02 0.20 0.50
1210L050
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.03 0.50 0.85
0.01
0.25 0.008 0.02 0.20 0.50
1210L075
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.02 0.03 0.50 0.85
0.01
0.25 0.008 0.02 0.20 0.50
1210L110
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.04 0.05 0.90 1.30
0.01
0.25 0.008 0.02 0.20 0.50
1210L150
0.12 0.14 3.00 3.43 0.09 0.11 2.35 2.80 0.03 0.07 0.80 1.80
0.01
0.25 0.008 0.02 0.20 0.50
C
Top
View
Pad
Layout
Side
View
Bottom
View
2.50 mm
(.098)
2.00 mm
(.079)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
SHOWN IS 1.5AMP RATING
E
A
B
K
Packaging
I
hold
(A)
I
hold Code
Packaging Option
Quantity
Quantity &
Packaging Codes
0.05
005
Tape and Reel
3000
WR
0.10
010
Tape and Reel
3000
WR
0.20
020
Tape and Reel
3000
WR
0.35
035
Tape and Reel
4000
YR
0.50
050
Tape and Reel
4000
YR
0.75
075
Tape and Reel
4000
YR
1.10
110
Tape and Reel
3000
WR
1.50
150
Tape and Reel
2000
PR


Similar Part No. - 1210L005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L005 LITTELFUSE-1210L005 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1210L005 LITTELFUSE-1210L005 Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1210L005 LITTELFUSE-1210L005 Datasheet
375Kb / 4P
   1210L Series
1210L005 LITTELFUSE-1210L005 Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L005WR LITTELFUSE-1210L005WR Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
More results

Similar Description - 1210L005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com