Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLNR110 Datasheet(PDF) 2 Page - Littelfuse

Part # KLNR110
Description  General Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLNR110 Datasheet(HTML) 2 Page - Littelfuse

  KLNR110 Datasheet HTML 1Page - Littelfuse KLNR110 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Fuses
35
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
KLNR/KLSR Class RK1 Fuses
250/600 VAC • Fast Acting • 1 – 600 Amperes
1000
800
600
400
300
200
100
80
60
40
30
20
10
8
6
4
3
2
1
.8
.6
.4
.3
.2
.1
.08
.06
.04
.03
.02
.01
CURRENT IN AMPERES
548001
1000
800
600
400
300
200
100
80
60
40
30
20
10
8
6
4
3
2
1
.8
.6
.4
.3
.2
.1
.08
.06
.04
.03
.02
.01
CURRENT IN AMPERES
549001
100
200
300
400
600
800
1000
2000
3000
4000
6000
8000
10000
20000
30000
40000
60000
80000
100000
200000
300000
400000
600000
800000
1000000
600A
400A
200A
100A
60A
30A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
05548002
100
200
300
400
600
800
1000
2000
3000
4000
6000
8000
10000
20000
30000
40000
60000
80000
100000
200000
300000
400000
600000
800000
1000000
600A
400A
200A
100A
60A
30A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
05549002
KLSR
KLNR
KLSR
KLNR


Similar Part No. - KLNR110

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLNR LITTELFUSE-KLNR Datasheet
374Kb / 2P
   250/600 Vac
KLNR LITTELFUSE-KLNR_14 Datasheet
374Kb / 2P
   250/600 Vac
More results

Similar Description - KLNR110

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLLU LITTELFUSE-KLLU Datasheet
193Kb / 3P
   General Purpose Fuses
logo
Cooper Bussmann, Inc.
NON-1 COOPER-NON-1 Datasheet
279Kb / 4P
   NON (250V) 1??-600A, General Purpose Fuses
logo
List of Unclassifed Man...
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
   General Purpose Power Entry Module with Fuses
logo
List of Unclassifed Man...
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com