Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSL-8110BG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRSL-8110BG
Description  3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-8110BG Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRSL-8110BG Datasheet HTML 1Page - Optoway Technology Inc TRSL-8110BG Datasheet HTML 2Page - Optoway Technology Inc TRSL-8110BG Datasheet HTML 3Page - Optoway Technology Inc TRSL-8110BG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
TRSL-8110G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2007 V1.0
3
CONNECTION DIAGRAM
PIN
Symbol
Notes
1
VEERX
Directly connect this pin to the receiver ground plane
2
VCC RX
+3.3V dc power for the receiver section
3
SD
Active high on this indicates a received optical signal.
4
RD
Receiver Dataout Bar. See recommended circuit schematic
5
RD+
Receiver Dataout. See recommended circuit schematic
6
VCC TX
+3.3V dc power for the transmitter section
7
VEETX
Directly connect this plan to the transmitter ground plane
8
TX_Disable
Transmitter Disable. Connect this pin to +3.3V TTL logic “1” to disable module
To enable module connect to TTL logic low “0”
9
TD+
Transmitter Data In. See recommended circuit schematic
10
TD-
Transmitter Data In Bar. See recommended circuit schematic
MS
MS
Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
LD
Driver
1μH
100Ω
TD+
TD-
10nF
10μF
RD-
RD+
SD
VCC 3.3V
Z=50Ω
Z=50Ω
Z=50Ω
Z=50Ω
POST
Amp
SerDes
IC
Protocol
IC
100Ω
1μH
10nF
10μF
10nF
10μF
TD+
TD-
RD-
RD-
TX_Disable
Signal Dete ct
Depe ndi ng on SerDes
Vee TX
TX_Disable
4.7K to 10KΩ
VccTX
VccRX
Vee RX
1
2
4
3
5
8
7
6
10
9
SFFModule
TOP VIEW
5 4 3 2 1
6 7 8 9 10
MS
MS


Similar Part No. - TRSL-8110BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-8110BWG OPTOWAY-TRSL-8110BWG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-8110BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-8120G OPTOWAY-TRSL-8120G Datasheet
129Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8105G OPTOWAY-TRSL-8105G Datasheet
130Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8340G OPTOWAY-TRSL-8340G Datasheet
129Kb / 4P
   3.3V / 1550 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8380G OPTOWAY-TRSL-8380G Datasheet
129Kb / 4P
   3.3V / 1550 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9140FG OPTOWAY-TRSL-9140FG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9110FG OPTOWAY-TRSL-9110FG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
SPS-8110G OPTOWAY-SPS-8110G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8120G OPTOWAY-SPS-8120G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8130G OPTOWAY-SPS-8130G Datasheet
143Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8105G OPTOWAY-SPS-8105G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com