Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600R160-R1 Datasheet(PDF) 4 Page - Littelfuse

Part # 600R160-R1
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-R1 Datasheet(HTML) 4 Page - Littelfuse

  600R160-R1 Datasheet HTML 1Page - Littelfuse 600R160-R1 Datasheet HTML 2Page - Littelfuse 600R160-R1 Datasheet HTML 3Page - Littelfuse 600R160-R1 Datasheet HTML 4Page - Littelfuse 600R160-R1 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
600R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
85°C/85°C, 1000 hours
Humidity Aging
+85°C, 85%R.H. 1000 hours
Thermal Shock
MIL-STD-202F Method 107G
+125°C to -55°C 10 times
Solvent Resistance
MIL-STD-202, Method 215F
Physical Specifications
Lead Material
Tin-plated copper
Soldering
Characteristics
Solderability per MIL-STD-202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V-0 requirements.
Device Labeling
Marked with LF, voltage, current rating,
and date code.
Soldering Parameters - Solder Reflow
Condition
Reflow
Peak Temp/ Duration Time
260°C > 5 Sec
> 220°C
30 Sec ~ 60 Sec
Preheat 160°C~ 190°C
60 Sec ~ 90 Sec
Storage Condition
0°C~35°C, < 70%RH
• Recommended reflow methods: IR, vapor phase oven, hot
air oven, N
2 environment for lead-free.
• Devices are not designed to be wave soldered to the
bottom side of the board.
• Devices can be cleaned using standard industry methods
and solvents.
Note: If reflow temperatures exceed the recommended
profile, devices may not meet the performance
requirements.
Preheating
160
190
220
260
0
30 to 60
Soldering
Cooling
120
60 to 90
Time(s)


Similar Part No. - 600R160-R1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R160-R1 LITTELFUSE-600R160-R1 Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
600R160-R1 LITTELFUSE-600R160-R1 Datasheet
659Kb / 6P
   The 600R Series is designed to protect against power fault events typically found in telecom applications
More results

Similar Description - 600R160-R1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com