Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7728 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7728
Description  GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7728 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7728 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7728 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2006
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7718, VSC7728
VSC7728
VSC7718
VOUTN
TIA
VOUTP
VCC
PD
APD
Supply
GND
LOUTN
LOUTP
RESETP
LINN
LINP
LA
VCC
GND
INTERNAL
RESET
Incoming
RESET
Signal
Outgoing
RESET
Signall Block
IN
FILTER
RTHAD
DATRDYP
RESET Signal from OLT MAC
(Data Ready Indicator for CDR)
DATRDYN
RESETN
Signal Detect
Threshold Adjust
Block
RMON
GENERAL DESCRIPTION:
The VSC7718 transimpedance amplifier (TIA) and VSC7728 post amplifier
together form a complete chipset solution for Gigabit-capable Passive
Optical Networks (GPON) and Gigabit Ethernet Passive Optical Networks
(GE-PON) OLT burst-mode receivers. This chipset exceeds GPON
requirements with better than –33 dBm sensitivity, industry-leading
overload performance of better than –4 dBm and over 23 dBm of dynamic
range.
Designed to be used in conjunction with one another, the VSC7728
supplies a reset signal to the VSC7718 in order to control its internal offset
correction circuitry, providing fast settling times with immunity to long
streams of consecutive identical digits. The VSC7718 also features a
space-saving filter connection provided for positive bias to a PIN diode
through a filter resistor to VCC.
The VSC7718 is available as bare die with padout optimized for standard
4-pin, 5-pin and 6-pin TO-46 packages. The VSC7728 is available in a
16-pin, 3mm x 3mm QFP package.
BLOCK DIAGRAM:
GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset


Similar Part No. - VSC7728

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
   Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WB VITESSE-VSC7710WB Datasheet
174Kb / 14P
   Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WC VITESSE-VSC7710WC Datasheet
174Kb / 14P
   Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WD VITESSE-VSC7710WD Datasheet
174Kb / 14P
   Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710X VITESSE-VSC7710X Datasheet
174Kb / 14P
   Photodetector Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7728

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3632 MAXIM-MAX3632 Datasheet
289Kb / 13P
   622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
logo
Vitesse Semiconductor C...
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
   1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
logo
Vitesse Semiconductor C...
VSC7969 VITESSE-VSC7969 Datasheet
170Kb / 14P
   3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
logo
Maxim Integrated Produc...
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com