Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60R025 Datasheet(PDF) 4 Page - Littelfuse

Part # 60R025
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R025 Datasheet(HTML) 4 Page - Littelfuse

  60R025 Datasheet HTML 1Page - Littelfuse 60R025 Datasheet HTML 2Page - Littelfuse 60R025 Datasheet HTML 3Page - Littelfuse 60R025 Datasheet HTML 4Page - Littelfuse 60R025 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
60R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Dimensions
A
C
B
D
E
MARKING
60
050X
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
60
025X
Voltage Rating
Current Rating
Littelfuse
Trademark
60
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
0.50A to 3.75A
Double Sided Marking
0.20A to 0.40A
Top Side
Bottom Side
Part Number
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Max.
Max.
Max.
Max.
Typ.
Typ.
Min.
Min.
Max.
Max. Inches mm
60R010
0.29
7.4
0.50
12.7
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/CuFe
60R020
0.29
7.4
0.46
11.7
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/CuFe
60R025
0.29
7.4
0.50
12.7
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/CuFe
60R030
0.29
7.4
0.50
12.7
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/CuFe
60R040
0.30
7.6
0.53
13.5
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/CuFe
60R050
0.31
7.9
0.54
13.7
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/Cu
60R065
0.37
9.4
0.57
14.5
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/Cu
60R075
0.40
10.2
0.59
15
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/Cu
60R090
0.44
11.2
0.62
15.8
0.20
5.1
0.30
7.6
0.12
3.1
0.02
0.51
Sn/Cu
60R110
0.51
13
0.72
18.2
0.20
5.1
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
60R135
0.53
13.58
0.78
19.8
0.20
5.1
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
60R160
0.60
15.36
0.85
21.6
0.20
5.1
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
60R185
0.66
16.76
0.91
23
0.20
5.1
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
60R250
0.78
19.93
1.03
26.2
0.40
10.2
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
60R300
0.91
23.11
1.15
29.3
0.40
10.2
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
60R375
1.04
26.3
1.22
31.1
0.40
10.2
0.30
7.6
0.12
3.1
0.03
0.81
Sn/Cu
A
C
B
D
E
MARKING
60
050X
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
60
025X
Voltage Rating
Current Rating
Littelfuse
Trademark
60
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
0.50A to 3.75A
Double Sided Marking
0.20A to 0.40A
Top Side
Bottom Side
Part Marking System
A
C
B
D
E
MARKING
60
050X
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
60
025X
Voltage Rating
Current Rating
Littelfuse
Trademark
60
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
0.50A to 3.75A
Double Sided Marking
0.20A to 0.40A
Top Side
Bottom Side
A
C
B
D
E
MARKING
60
050X
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
60
025X
Voltage Rating
Current Rating
Littelfuse
Trademark
60
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
0.50A to 3.75A
Double Sided Marking
0.20A to 0.40A
Top Side
Bottom Side


Similar Part No. - 60R025

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R025 LITTELFUSE-60R025 Datasheet
152Kb / 2P
   Radial Leaded PTC
60R025 LITTELFUSE-60R025 Datasheet
210Kb / 7P
   Radial Leaded
60R025XPR LITTELFUSE-60R025XPR Datasheet
210Kb / 7P
   Radial Leaded
60R025XU LITTELFUSE-60R025XU Datasheet
210Kb / 7P
   Radial Leaded
More results

Similar Description - 60R025

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com