Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE8.5A Datasheet(PDF) 1 Page - Littelfuse

Part # LCE8.5A
Description  1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE8.5A Datasheet(HTML) 1 Page - Littelfuse

  LCE8.5A Datasheet HTML 1Page - Littelfuse LCE8.5A Datasheet HTML 2Page - Littelfuse LCE8.5A Datasheet HTML 3Page - Littelfuse LCE8.5A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
311
www .littelfuse .com
1500W Axial Leaded Transient Voltage Supressors
LCE Series
FEATURES
RoHS compliant
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
Glass passivated junction
1500W Peak Pulse Power capability with a 10/1000µs
waveform, repetition rate (duty cycle):0.05%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 5.0ns from 0 Volts to
V(BR)
Ideal for data line applications
Low capacitance
High temperature soldering guaranteed: 265˚C/10
seconds,0.375"(9.5mm) lead length, 5lbs., (2.3kg) tension
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation with a
10/1000µs waveform
(note 1,FIG.1)
Steady State Power Dissipation,
TL= 75 with at lead lengths 0.375”
(9.5mm)
Peak power pulse surge current
with a 10/1000µs waveform
(FIG.3, note 1)
Operating junction and Storage
Temperature Range
VALUE
Min
1500
5
See Table 1
-55 to +175
UNIT
Watts
Watts
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=
25˚C per Fig.2
SYMBOL
PPPM
PM(AV)
IPPM
Tj, TsTG
®
LC E
C A
Voltage
Bi-Directional
Packaging Options
5% Voltage Tolerance
B= Bulk (500 pcs)
T= Tape and reeled (1200 pcs)
ORDERING INFORMATION
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128662
Mechanical Specifications:
Weight:
0.045 ounce, 1.2 grams
Case:
JEDEC DO-201 Molded Plastic over
passivated junction
Mounting Position:
Any
Polarity:
Color band denotes cathode except
Bidirectionals
Terminal:
Solder Plated, solderable per
MIL-STD-750, Method 2026
Standard Packaging:
16mm tape (EIA STD RS-481)
RoHS
6


Similar Part No. - LCE8.5A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE8.5A EIC-LCE8.5A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
LCE8.5A RUILON-LCE8.5A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
logo
Littelfuse
LCE8.5A LITTELFUSE-LCE8.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Socay Electornics Co., ...
LCE8.5A SOCAY-LCE8.5A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
TAITRON Components Inco...
LCE8.5A TAITRON-LCE8.5A Datasheet
179Kb / 5P
   1500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - LCE8.5A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com