Selected language     English  ā–¼


LCE28A Datasheet(PDF) 4 Page - Littelfuse

Part No. LCE28A
Description  1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

   
 4 page
background image
1500W Axial Leaded Transient Voltage Supressors
LCE Series
RoHS
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
210(5.3)
190(4.8)
DIA.
All dimensions in inches and (millimeters)
0.042(1.07)
0.038(0.96)
DIA.
0.375(9.5)
0.285(7.2)
Case Style 1.5KE
(DO-201)
Package Outline Dimensions
www .littelfuse .com
314
Silicon Avalanche Diodes




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
5KP6Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 3 Semikron International
P6KE6Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 3 Semikron International
SMCJ50CA_11500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
1.5KE6V8A1500W TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
1.5KE6V8A_11500W TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1.5SMCJ1801500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
2PF140AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE 1 2 3 Semtech Corporation
SPD9441RADIATION DETECTOR AXIAL LEADED PIN DIODE 1 Solid States Devices, Inc
ESD5Z2.5T1_06Transient Voltage Suppressors Micro−Packaged Diodes for ESD Protection 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl