Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA70QS50-4 Datasheet(PDF) 2 Page - Littelfuse

Part # LA70QS50-4
Description  Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA70QS50-4 Datasheet(HTML) 2 Page - Littelfuse

  LA70QS50-4 Datasheet HTML 1Page - Littelfuse LA70QS50-4 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Special Purpose Fuses
97
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
Ampere
Rating
Littelfuse
Catalog Number
Mounting
Type
Maximum
Clearing I2t @700
VAC (A2S x 103)
Watts Loss @
Rated Current (W)
200
LA70QS200-4
4
19
41
200
LA70QS200-4K
4
19
41
250
LA70QS250-4
4
42
42
300
LA70QS300-4
4
55
53
350
LA70QS350-4
4
72
64
400
LA70QS400-4
4
99
75
450
LA70QS450-4
4
125
75
450
LA70QS450-4K
4K
125
75
500
LA70QS500-4
4
150
92
500
LA70QS500-4K
4K
160
92
600
LA70QS600-4
4
222
116
600
LA70QS600-4K
4K
222
116
700
LA70QS700-4
4
332
125
800
LA70QS800-4
4
433
143
Ampere
Rating
Littelfuse
Catalog
Number
Mounting
Type
Maximum
Clearing I2t @700
VAC (A2S x 103)
Watts Loss @
Rated Current (W)
35
LA70QS35-4
4
0.47
6.2
40
LA70QS40-4
4
0.58
7.5
50
LA70QS50-4
4
0.88
9.8
60
LA70QS60-4
4
1.2
12
70
LA70QS70-4
4
1.8
15
80
LA70QS80-4
4
2.3
16
90
LA70QS90-4
4
3
20
100
LA70QS100-4
4
3.6
24
125
LA70QS125-4
4
6.9
22
125
LA70QS125-4K
4K
6.9
22
150
LA70QS150-4
4
11
28
150
LA70QS150-4K
4K
11
29
175
LA70QS175-4
4
14
35
175
LA70QS175-4K
4K
14
35
LA70QS Semiconductor Fuses
700 VAC • Very Fast Acting • 35 – 800 Amperes
Catalog Numbers & Technical Data
Dimensions
Dimensions for reference only.
Amperes
Mount. Type
Dimensions in Inches (mm in parentheses)
A
B
C
D
E
F
G
H
35 – 100
4
4.38
(111)
1.00
(25.4)
2.88
(73)
3.69
(93.6)
3.50
(88.9)
0.31
(7.9)
0.75
(19.0)
0.13
(3.2)
125 – 200
4
4.38
(111)
1.22
(31.0)
2.88
(73)
3.69
(93.6)
3.56
(90.5)
0.31
(7.9)
1.00
(25.4)
0.19
(4.8)
125 – 200
4K
5.09
(129)
1.22
(31.0)
2.88
(73)
4.19
(106)
3.50
(88)
0.41
(10.3)
1.00
(25.4)
0.19
(4.8)
225 – 400
4
5.09
(129)
1.50
(38.1)
2.84
(72.2)
4.16
(106)
3.53
(89.7)
0.40
(10.3)
1.50
(38.1)
0.25
(6.4)
450 – 600
4
5.09
(129)
2.00
(50.8)
2.84
(72.2)
4.16
(106)
3.53
(89.7)
0.41
(10.3)
1.50
(38.1)
0.25
(6.4)
450 – 600
4K
7.09
(180)
2.00
(50.8)
2.84
(72.2)
6.16
(156)
3.53
(89.7)
0.53
(13.5)
1.50
(38.1)
0.25
(6.4)
700 – 800
4
7.09
(180)
2.50
(63.5)
2.84
(72.2)
5.28
(134)
4.91
(125)
0.53
(13.5)
2.00
(50.8)
0.38
(9.5)
Contact Littelfuse for characteristic curves.


Similar Part No. - LA70QS50-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS50-14F LITTELFUSE-LA70QS50-14F Datasheet
376Kb / 1P
   LA70QS French Cylindrical Fuses
LA70QS50-14F LITTELFUSE-LA70QS50-14F Datasheet
98Kb / 1P
   Special Purpose Fuses
LA70QS50-14FI LITTELFUSE-LA70QS50-14FI Datasheet
376Kb / 1P
   LA70QS French Cylindrical Fuses
LA70QS50-22F LITTELFUSE-LA70QS50-22F Datasheet
376Kb / 1P
   LA70QS French Cylindrical Fuses
LA70QS50-22F LITTELFUSE-LA70QS50-22F Datasheet
98Kb / 1P
   Special Purpose Fuses
More results

Similar Description - LA70QS50-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com