Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSILC6-4F2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # DSILC6-4F2
Description  ESD Protection for high speed interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSILC6-4F2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button DSILC6-4F2 Datasheet HTML 3Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 4Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 5Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 6Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 7Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 8Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 9Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 10Page - STMicroelectronics DSILC6-4F2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
DSILC6-4xx
8/11
4
Package information
Epoxy meets UL94, V0
Table 3.
SOT-666 Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
Figure 11.
SOT-666 footprint
Figure 12.
SOT-666 marking
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
2.60
0.62
0.30
0.99
G


Similar Part No. - DSILC6-4F2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DSI17-08A IXYS-DSI17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DSI17-08A NAINA-DSI17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DSI17-08A NJSEMI-DSI17-08A Datasheet
80Kb / 1P
   Space and weight savings
logo
IXYS Corporation
DSI17-12A IXYS-DSI17-12A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
More results

Similar Description - DSILC6-4F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
   ESD protection for high speed interface
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
   ESD protection for high speed interface
USBULC6-2N4 STMICROELECTRONICS-USBULC6-2N4 Datasheet
179Kb / 10P
   Ultralow capacitance ESD protection for high speed interface
September 2011 Rev 1
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
   Single-line bidirectional ESD protection for high speed interface
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
   Single-line bidirectional ESD protection for high speed interface
August 2013 Rev 2
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
   Single-line unidirectional ESD protection for high speed interface
June 2012 Rev 1
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
   Single-line bidirectional ESD protection for high speed interface
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
   Single-line bidirectional ESD protection for high speed interface
August 2015 Rev 2
logo
AMAZING Microelectronic...
AZ1213-04F AMAZING-AZ1213-04F Datasheet
380Kb / 7P
   Low Capacitance ESD Protection Array For High-Speed Data Interface
Revision 2018/05/23
AZ1013-04F AMAZING-AZ1013-04F Datasheet
263Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com