Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE1108ABSE-6C-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EDE1108ABSE-6C-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1108ABSE-6C-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDE1108ABSE-6C-E Datasheet HTML 4Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 5Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 6Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 7Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 8Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 9Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 10Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 11Page - Elpida Memory EDE1108ABSE-6C-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
EDE1104ABSE, EDE1108ABSE, EDE1116ABSE
Data Sheet E0852E50 (Ver. 5.0)
8
DC Characteristics 1 (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
max.
Parameter
Symbol
Grade
× 4
× 8
× 16
Unit
Test condition
Operating current
(ACT-PRE)
IDD0
-8E
-6C
-6E
-5C
-4A
110
100
100
95
90
110
100
100
95
90
120
110
110
mA
one bank; tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(ACT-READ-PRE)
IDD1
-8E
-6C
-6E
-5C
-4A
120
110
110
105
100
125
115
115
110
105
140
130
130
mA
one bank; IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD); tRCD = tRCD (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Precharge power-
down standby
current
IDD2P
-8E
-6C
-6E
-5C
-4A
10
10
10
10
10
10
10
10
10
10
10
10
10
mA
all banks idle;
tCK = tCK (IDD);
CKE is L;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Precharge quiet
standby current
IDD2Q
-8E
-6C
-6E
-5C
-4A
40
35
35
30
30
40
35
35
30
30
35
30
30
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Idle standby current
IDD2N
-8E
-6C
-6E
-5C
-4A
45
40
40
35
30
45
40
40
35
30
40
35
30
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD3P-F
-8E
-6C
-6E
-5C
-4A
40
35
35
30
30
40
35
35
30
30
35
30
30
mA
Fast PDN Exit
MRS (12) = 0
Active power-down
standby current
IDD3P-S
-8E
-6C
-6E
-5C
-4A
20
20
20
20
20
20
20
20
20
20
20
20
20
mA
all banks open;
tCK = tCK (IDD);
CKE is L;
Other control and address
bus inputs are STABLE;
Data bus inputs are
FLOATING
Slow PDN Exit
MRS (12) = 1
Active standby
current
IDD3N
-8E
-6C
-6E
-5C
-4A
90
80
80
65
55
90
80
80
65
55
80
65
55
mA
all banks open;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(Burst read
operating)
IDD4R
-8E
-6C
-6E
-5C
-4A
205
175
175
145
120
225
195
195
165
140
230
190
160
mA
all banks open, continuous burst reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Operating current
(Burst write
operating)
IDD4W
-8E
-6C
-6E
-5C
-4A
205
175
175
145
120
225
195
195
165
140
245
200
170
mA
all banks open, continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING


Similar Part No. - EDE1108ABSE-6C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1108AASE ELPIDA-EDE1108AASE Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1108AASE-4A-E ELPIDA-EDE1108AASE-4A-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1108AASE-5C-E ELPIDA-EDE1108AASE-5C-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1108AASE-6E-E ELPIDA-EDE1108AASE-6E-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1108ACBG ELPIDA-EDE1108ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1108ABSE-6C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com