Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3958TLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3958TLX
Description  Lighting Management Unit with High Voltage Boost Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958TLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3958TLX Datasheet HTML 1Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 2Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 3Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 4Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 5Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 6Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 7Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 8Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Connection Diagrams and Package Mark Information (Continued)
PIN DESCRIPTIONS
Pin #
Name
Type
Description
5E
SW
Output
Boost Converter Power Switch
5D
FB
Input
Boost Converter Feedback
5C
KEY1
Output
Keypad LED Output 1 (Current Sink)
5B
KEY2
Output
Keypad LED Output 2 (Current Sink)
5A
KEY3
Output
Keypad LED Output 3 (Current Sink)
4E
GND_SW
Ground
Power Switch Ground
4D
NRST
Input
External Reset, Active Low
4C
SCL
Logic Input
Clock Input for I
2C Compatible Interface
4B
IKEY
Input
External Keypad LED Maximum Current Set Resistor
4A
GND_KEY
Ground
Ground for KEY LED Currents
3E
VDD2
Power
Supply Voltage 3.0...5.5 V
3D
VDDIO
Power
Supply Voltage for Digital Input/Output Buffers and Drivers
3C
SDA
Logic Input/Output
Data Input/Output for I
2C Compatible Interface
3B
GPIO[2]
Logic Input/Output
General Purpose Logic Input/Output
3A
GPIO[0] / PWM
Logic Input/Output
General Purpose Logic Input/Output / External PWM Input
2E
GND_WLED
Ground
Ground for White LED Currents (MAIN and SUB Outputs)
2D
GNDT
Ground
Ground
2C
VDD1
Power
Supply Voltage 3.0...5.5 V
2B
VREF
Output
Reference Voltage (1.23V)
2A
GPIO[1]
Logic Input/Output
General Purpose Logic Input/Output
1E
MAIN
Output
MAIN Display White LED Current Output (Current Sink)
1D
SUB
Output
SUB Display White LED Current Output (Current Sink)
1C
VDDA
Output
Internal LDO Output (2.80V)
1B
GND
Ground
Ground for Core Circuitry
1A
IRT
Input
Oscillator Frequency Set Resistor
www.national.com
3


Similar Part No. - LP3958TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3958TL/NOPB TI1-LP3958TL/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter
More results

Similar Description - LP3958TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
[Old version datasheet]   Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
   Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
   480mA Camera Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com