Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3958TLX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3958TLX
Description  Lighting Management Unit with High Voltage Boost Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958TLX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3958TLX Datasheet HTML 3Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 4Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 5Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 6Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 7Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 8Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 9Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 10Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Modes of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values. Reset is entered always if input
NRST is LOW or internal Power On Reset is active. Power On Reset (POR) will activate during the chip
startup or when the supply voltages V
DD1 and VDD2 fall below 1.5V. Once VDD1 and VDD2 rises above 1.5V,
POR will inactivate and the chip will continue to the STANDBY mode. NSTBY control bit is low after POR
by default.
STANDBY:
The STANDBY mode is entered if the register bit NSTBY is LOW and Reset is not active. This is the low
power consumption mode, when all circuit functions are disabled. Registers can be written in this mode and
the control bits are effective immediately after start up.
STARTUP:
When NSTBY bit is written high, the INTERNAL STARTUP SEQUENCE powers up all the needed internal
blocks (V
REF, Bias, Oscillator etc.). To ensure the correct oscillator initialization, a 10ms delay is generated
by the internal state-machine. If the chip temperature rises too high, the Thermal Shutdown (THSD)
disables the chip operation and STARTUP mode is entered until no thermal shutdown event is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is raised in low
current PWM mode during the 20ms delay generated by the state-machine. All LED outputs are off during
the 20ms delay to ensure smooth startup. The Boost startup is entered from Internal Startup Sequence if
EN_BOOST is HIGH or from Normal mode when EN_BOOST is written HIGH.
NORMAL:
During NORMAL mode the user controls the chip using the Control Registers. The registers can be written
in any sequence and any number of bits can be altered in a register in one write.
20175575
www.national.com
7


Similar Part No. - LP3958TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3958TL/NOPB TI1-LP3958TL/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter
More results

Similar Description - LP3958TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
[Old version datasheet]   Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
   Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
   480mA Camera Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com