Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32538 Datasheet(PDF) 5 Page - EPCOS

Part # B32538
Description  Metallized Polyester Film Capacitors (MKT-S)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32538 Datasheet(HTML) 5 Page - EPCOS

  B32538 Datasheet HTML 1Page - EPCOS B32538 Datasheet HTML 2Page - EPCOS B32538 Datasheet HTML 3Page - EPCOS B32538 Datasheet HTML 4Page - EPCOS B32538 Datasheet HTML 5Page - EPCOS B32538 Datasheet HTML 6Page - EPCOS B32538 Datasheet HTML 7Page - EPCOS B32538 Datasheet HTML 8Page - EPCOS B32538 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Ammo pack
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
007 = Ammo pack
000 = Untaped
160
60
0.10
6.1
× 16.0
B32538B2104+***
1100
50
0.15
6.2
× 16.0
B32538B2154+***
1000
50
0.22
6.4
× 16.0
B32538B2224+***
1000
50
0.33
7.0
× 16.0
B32538B2334+***
950
50
0.47
6.9
× 20.0
B32538B2474+***
950
50
0.68
7.5
× 20.0
B32538B2684+***
870
50
1.0
8.3
× 20.0
B32538B2105+***
800
50
1.5
10.5
× 20.0
B32538B2155+***
400
20
2.2
11.0
× 20.0
B32538B2225+***
400
20
3.3
10.0
× 32.5
B32538B2335+***
450
20
4.7
11.3
× 32.5
B32538B2475+***
380
20
6.8
13.1
× 32.5
B32538B2685+***
PU on request 20
10
15.3
× 32.5
B32538B2106+***
PU on request 20
250
90
0.10
6.7
× 16.0
B32538B3104+***
950
50
0.15
7.2
× 16.0
B32538B3154+***
900
50
0.22
7.3
× 16.0
B32538B3224+***
900
50
0.33
7.3
× 20.0
B32538B3334+***
900
50
0.47
8.0
× 20.0
B32538B3474+***
800
50
0.68
9.0
× 20.0
B32538B3684+***
700
20
1.0
10.3
× 20.0
B32538B3105+***
400
20
1.5
12.0
× 20.0
B32538B3155+***
380
20
2.2
14.0
× 20.0
B32538B3225+***
300
20
3.3
12.6
× 32.5
B32538B3335+***
350
20
4.7
14.5
× 32.5
B32538B3475+***
PU on request 20
6.8
17.0
× 32.5
B32538B3685+***
PU on request 20
10
20.1
× 32.5
B32538B3106+000
20
B32538
High Reliability (Wound)
5


Similar Part No. - B32538

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32537B1104 EPCOS-B32537B1104 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32537B1104J000 TDK-B32537B1104J000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
B32537B1104K000 TDK-B32537B1104K000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
logo
EPCOS
B32537B1105 EPCOS-B32537B1105 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32538

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32537B2225K TDK-B32537B2225K Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com