Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM300HC-M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM300HC-M
Description  HIGH POWER SWITCHING USE NON-INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM300HC-M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM300HC-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
100
80
60
40
20
0
0
20
60
100 120
160
40
80
140
10
30
50
70
90
800
0
0
400
700
600
500
400
300
200
100
50 100 150 200 250 300 350
Tj=125°C
IB2=–6A
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
TC =25°C
2
10
3
10
1
10
0
10
3
10
2
10
1
10
0
10
100µs
44
4
tw=50µs
0
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
34 5 7
2 3 4 5 7
1
10
2
23
Tj=25°C
Tj=125°C
VCC=200V
IB1=6A
IC=300A
tf
ts
7
5
3
2
7
5
3
2
7
5
3
2
0.2
2.2
1.8
0.6
1.0
1.4
Tj=25°C
Tj=125°C
3
10
2
10
1
10
0
10
7
5
3
2
7
5
3
2
7
5
3
2
0.10
0.08
0.06
0.04
0.02
0
44
4
7
5
3
24
1
10
–3
10
–2
10
–1
10
0
10
0
10
NON–REPETITIVE
COLLECTOR
DISSIPATION
SECOND
BREAKDOWN
AREA
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM300HC-M
HIGH POWER SWITCHING USE
NON-INSULATED TYPE


Similar Part No. - QM300HC-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM300HA-2 MITSUBISHI-QM300HA-2 Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24B MITSUBISHI-QM300HA-24B Datasheet
73Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-2H MITSUBISHI-QM300HA-2H Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-2HB MITSUBISHI-QM300HA-2HB Datasheet
73Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM300HC-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM100HC-M MITSUBISHI-QM100HC-M Datasheet
69Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM600HD-M MITSUBISHI-QM600HD-M Datasheet
59Kb / 4P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM200HC-M MITSUBISHI-QM200HC-M Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM5HG-24 MITSUBISHI-QM5HG-24 Datasheet
44Kb / 3P
   MEDIUM POWER SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S_09 Datasheet
485Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_09 Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com