Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM300HC-M Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # QM300HC-M
Description  HIGH POWER SWITCHING USE NON-INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM300HC-M Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  QM300HC-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM300HC-M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
1
10
7
5
3
2
0
10
7
5
4
3
2
0
400
1200
2000
2800
3200
2
10
4
1600
800
2400
7
5
3
2
7
5
3
2
7
5
3
2
0.4
0.3
0
44
4
7
5
3
24
0
10
1
10
0.2
0.1
–3
10
–2
10
–1
10
0
10
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
Tj=25°C
Tj=125°C
–IB2=6A
IB1=
VCC=200V
3
10
2
10
1
10
0
10
2
10
1
10
0
10
–1
10
0
10
1
10
2
10
3
10
trr
Qrr
Irr
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (DIODE)
RATED SURGE COLLECTOR REVERSE CURRENT
(DIODE FORWARD SURGE CURRENT)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE (TYPICAL)
CONDUCTION TIME (CYCLES AT 60Hz)
FORWARD CURRENT
IF (A)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM300HC-M
HIGH POWER SWITCHING USE
NON-INSULATED TYPE


Similar Part No. - QM300HC-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM300HA-2 MITSUBISHI-QM300HA-2 Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24B MITSUBISHI-QM300HA-24B Datasheet
73Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-2H MITSUBISHI-QM300HA-2H Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-2HB MITSUBISHI-QM300HA-2HB Datasheet
73Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM300HC-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM100HC-M MITSUBISHI-QM100HC-M Datasheet
69Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM600HD-M MITSUBISHI-QM600HD-M Datasheet
59Kb / 4P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM200HC-M MITSUBISHI-QM200HC-M Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM5HG-24 MITSUBISHI-QM5HG-24 Datasheet
44Kb / 3P
   MEDIUM POWER SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S_09 Datasheet
485Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_09 Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com