Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1730PYIR01 Datasheet(PDF) 4 Page - Winbond

Part # ISD1730PYIR01
Description  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1730PYIR01 Datasheet(HTML) 4 Page - Winbond

  ISD1730PYIR01 Datasheet HTML 1Page - Winbond ISD1730PYIR01 Datasheet HTML 2Page - Winbond ISD1730PYIR01 Datasheet HTML 3Page - Winbond ISD1730PYIR01 Datasheet HTML 4Page - Winbond ISD1730PYIR01 Datasheet HTML 5Page - Winbond ISD1730PYIR01 Datasheet HTML 6Page - Winbond ISD1730PYIR01 Datasheet HTML 7Page - Winbond ISD1730PYIR01 Datasheet HTML 8Page - Winbond ISD1730PYIR01 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISD1700 SERIES
- 4 -
2
FEATURES
Integrated message management systems for single-chip, push-button applications
o
REC
:
level-trigger for recording
o
PLAY
:
edge-trigger for individual message or level-trigger for looping playback sequentially
o
ERASE
:
edge-triggered erase for first or last message or level-triggered erase for all messages
o
FWD
:
edge-trigger to advance to the next message or fast message scan during the playback
o
VOL
: 8 levels output volume control
o
INT
RDY
: ready or busy status indication
o
RESET
: return to the default state
o
Automatic power-down after each operation cycle
Selectable sampling frequency controlled by an external oscillator resistor
Selectable
message
duration
o
A wide range selection from 20 secs to 480 secs pending upon sampling frequency chosen
Sample Freq. ISD1730
ISD1740
ISD1750
ISD1760
ISD1790 ISD17120 ISD17150 ISD17180 ISD17210 ISD17240
12 kHz
20 secs
26 secs
33 secs
40 secs
60 secs
80 secs
100 secs 120 secs 140 secs 160 secs
8 kHz
30 secs
40 secs
50 secs
60 secs
90 secs
120 secs 150 secs 180 secs 210 secs 240 secs
6.4 kHz
37 secs
50 secs
62 secs
75 secs
112 secs 150 secs 187 secs 225 secs 262 secs 300 secs
5.3 kHz
45 secs
60 secs
75 secs
90 secs
135 secs 181 secs 226 secs 271 secs 317 secs 362 secs
4 kHz
60 secs
80 secs
100 secs 120 secs 180 secs 240 secs 300 secs 360 secs 420 secs 480 secs
Message and operation indicators
o
Four customizable Sound Effects (SEs) for audible indication
o
Optional vAlert (voiceAlert) to indicate the presence of new messages
o
LED: stay on during recording, blink during playback, forward and erase operations
Dual operating modes
o
Standalone mode:
Integrated message management techniques
Automatic power-down after each operation cycle
o
SPI mode:
Fully user selectable and controllable options via APC register and various SPI commands
Two individual input channels
o
MIC+/MIC-: differential microphone inputs with AGC (Automatic Gain Control)
o
AnaIn: single-ended auxiliary analog input for recording or feed-through
Dual output channels
o
Differential PWM Class D speaker outputs directly drives an 8 Ω speaker or a typical buzzer
o
Configurable AUD (current) or AUX (voltage) single-ended output drives external audio amplifier
ChipCorder standard features
o
High-quality, natural voice and audio reproduction
o
2.4V to 5.5V operating voltage
o
100-year message retention (typical)
o
100,000 record cycles (typical)
Sampling Frequency
12 kHz
8 kHz
6.4 kHz
5.3 kHz
4 kHz
Rosc
53 k
Ω
80 k
Ω
100 k
Ω
120 k
Ω
160 k
Ω


Similar Part No. - ISD1730PYIR01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1740A WINBOND-ISD1740A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1750A WINBOND-ISD1750A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

Similar Description - ISD1730PYIR01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com