Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC619 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC619
Description  GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC619 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC619 Datasheet HTML 1Page - Hittite Microwave Corporation HMC619 Datasheet HTML 2Page - Hittite Microwave Corporation HMC619 Datasheet HTML 3Page - Hittite Microwave Corporation HMC619 Datasheet HTML 4Page - Hittite Microwave Corporation HMC619 Datasheet HTML 5Page - Hittite Microwave Corporation HMC619 Datasheet HTML 6Page - Hittite Microwave Corporation HMC619 Datasheet HTML 7Page - Hittite Microwave Corporation HMC619 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
3 - 115
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Return Loss vs. Temperature
Gain & Return Loss
Gain vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
HMC619
v00.0807
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 10 GHz
-30
-25
-20
-15
-10
-5
0
5
10
15
20
02468
10
12
S21
S11
S22
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
02468
10
12
+25C
+85C
-55C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
02468
10
12
+25C
+85C
-55C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
02468
10
12
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
02468
10
12
+25C
+85C
-55C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
123
456
7
8
9
10
+25C
+85C
-55C
FREQUENCY (GHz)


Similar Part No. - HMC619

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
logo
Analog Devices
HMC619 AD-HMC619 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
logo
Analog Devices
HMC619LP5 AD-HMC619LP5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC619LP5E HITTITE-HMC619LP5E Datasheet
279Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
More results

Similar Description - HMC619

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC659LC5 HITTITE-HMC659LC5 Datasheet
293Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC459 HITTITE-HMC459 Datasheet
258Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC659 HITTITE-HMC659 Datasheet
320Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com