Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L052A Datasheet(PDF) 5 Page - Winbond

Part # W78L052A
Description  8-BIT MICROCONTROLLER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L052A Datasheet(HTML) 5 Page - Winbond

  W78L052A Datasheet HTML 1Page - Winbond W78L052A Datasheet HTML 2Page - Winbond W78L052A Datasheet HTML 3Page - Winbond W78L052A Datasheet HTML 4Page - Winbond W78L052A Datasheet HTML 5Page - Winbond W78L052A Datasheet HTML 6Page - Winbond W78L052A Datasheet HTML 7Page - Winbond W78L052A Datasheet HTML 8Page - Winbond W78L052A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
W78LE52/W78L052A
Publication Release Date: November 6, 2006
- 5 -
Revision A6
5.
FUNCTIONAL DESCRIPTION
The W78L052 architecture consists of a core controller surrounded by various registers, five general
purpose I/O ports, 256 bytes of RAM, three timer/counters, and a serial port. The processor supports
111 different opcodes and references both a 64K program address space and a 64K data storage
space.
Timers 0, 1, and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0,
TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide
control functions for timers 0 and 1. The T2CON register provides control functions for Timer 2.
RCAP2H and RCAP2L are used as reload/capture registers for Timer 2.
The operations of Timer 0 and Timer 1 are the same as in the W78C51. Timer 2 is a special feature of
the W78L052: it is a 16-bit timer/counter that is configured and controlled by the T2CON register. Like
Timers 0 and 1, Timer 2 can operate as either an external event counter or as an internal timer,
depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating modes: capture, auto-
reload, and baud rate generator. The clock speed at capture or auto-reload mode is the same as that
of Timers 0 and 1.
New Defined Peripheral
In order to be more suitable for I/O, an extra 4-bit bit-addressable port P4 and two external interrupt
INT2
, INT3 has been added to either the PLCC or QFP 44 pin package. And description follows:
1. INT2 / INT3
Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external
interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are
determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register is
bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To
set/clear bits in the XICON register, one can use the "SETB (/CLR) bit" instruction. For example,
"SETB 0C2H" sets the EX2 bit of XICON.
XICON - external interrupt control (C0H)
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2
PX3: External interrupt 3 priority high if set
EX3: External interrupt 3 enable if set
IE3: If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced
IT3: External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software
PX2: External interrupt 2 priority high if set
EX2: External interrupt 2 enable if set
IE2: If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced
IT2: External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software


Similar Part No. - W78L052A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L052C WINBOND-W78L052C Datasheet
294Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L052A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com