Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK8026GAX Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MK8026GAX
Description  (HDD2191) 80GB HDD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MK8026GAX Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MK8026GAX Datasheet HTML 1Page - Toshiba Semiconductor MK8026GAX Datasheet HTML 2Page - Toshiba Semiconductor MK8026GAX Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Operating
From 8 To 90 %
Non-operating
From 8 To 90 %
Shipping
From 5 To 90 %
Wet bulb
Operating (Maximum)
29°C
Non-operating (Maximum)
40°C
Vibration
Operating (Maximum)
1 G, with 5 - 500 Hz
Non-operating (Maximum)
5 G, with 10 - 500 Hz
Shock
Operating (Maximum)
200 G, with 2 ms half sine wave
Non-operating (Maximum)
800 G, with 1 ms half sine wave
Shipping (Maximum)
0.7 m free drop with no unrecoverable error. Drive
must be packed in Toshiba´s original shipping
package. Apply shock in each direction of the drive´s
three mutually perpendicular axes, one axis at a time.
Altitude
Operating
From -300 To 3,000 m
Non-operating
From -400 To 15,000 m
Acoustic noise
Idle mode (Disk spinning)
Max. 25dB
Random seek
Max. 29dB
BIOS specifications
Number of cylinders (Logical)
16,383
Number of heads (Logical)
16
Number of sectors/track (Logical)
63
Safety specifications
Safety standards
CSA C22.2, No. 60950-00
D 33003
EN60950
UL 60950
EMC adaptibility
EN55022
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-11
ENV50204


Similar Part No. - MK8026GAX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK80FN256CAx15R NXP-MK80FN256CAx15R Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
MK80FN256VDC15 NXP-MK80FN256VDC15 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
MK80FN256VLL15 NXP-MK80FN256VLL15 Datasheet
1Mb / 95P
   High performance ARM짰 Cortex짰-M4F MCU with up to 256KB of Flash, 256KB of SRAM, Full Speed USB connectivity, and QuadSPI for interfacing to Serial NOR flash
Rev. 4, 09/2015
MK80FN256VLL15 NXP-MK80FN256VLL15 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
MK80FN256VLQ15 NXP-MK80FN256VLQ15 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
More results

Similar Description - MK8026GAX

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS250GSJ25F TRANSCEND-TS250GSJ25F Datasheet
364Kb / 2P
   External HDD
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
   NVIDIA® Tesla® A100 80GB
13-Sep-2022
logo
Transcend Information. ...
TS0GSJ25P TRANSCEND-TS0GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
logo
Toshiba Semiconductor
MG03ACAXXX TOSHIBA-MG03ACAXXX Datasheet
593Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 00
logo
SUYIN USA, INC.
200043FR044G203ZU SUYIN-USA-200043FR044G203ZU Datasheet
103Kb / 1P
   2.00mm HDD Connector
logo
Toshiba Semiconductor
DT01ABAXXXV TOSHIBA-DT01ABAXXXV Datasheet
594Kb / 2P
   VIDEO STREAM HDD
MG04ACAXXXN TOSHIBA-MG04ACAXXXN Datasheet
171Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: January, 2018
MG07ACA TOSHIBA-MG07ACA Datasheet
194Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: December, 2018
logo
Transcend Information. ...
TS160GSJ25M TRANSCEND-TS160GSJ25M Datasheet
90Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
   IDE HDD Enclosure
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com