Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1760EYR01 Datasheet(PDF) 7 Page - Winbond

Part # ISD1760EYR01
Description  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760EYR01 Datasheet(HTML) 7 Page - Winbond

Back Button ISD1760EYR01 Datasheet HTML 3Page - Winbond ISD1760EYR01 Datasheet HTML 4Page - Winbond ISD1760EYR01 Datasheet HTML 5Page - Winbond ISD1760EYR01 Datasheet HTML 6Page - Winbond ISD1760EYR01 Datasheet HTML 7Page - Winbond ISD1760EYR01 Datasheet HTML 8Page - Winbond ISD1760EYR01 Datasheet HTML 9Page - Winbond ISD1760EYR01 Datasheet HTML 10Page - Winbond ISD1760EYR01 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISD1700 SERIES
Publication Release Date: January 23, 2007
- 7 -
Revision 1.3-S2
5
PIN DESCRIPTION
Refer to Design Guide for details before performing any design or PCB layout.
PIN NAME
FUNCTIONS
VCCD
Digital Power Supply
: Power supply for digital circuitry.
LED
LED
: An LED output.
RESET
RESET
: When active, the device enters into a known state.
MISO
Master In Slave Out:
Data is shifted out on the falling edge of SCLK.
When the SPI is inactive ( SS = high), it’s tri-state.
MOSI
Master Out Slave In:
Data input of the SPI interface when ISD1700 is a
slave. Data is latched into the device on the rising edge of SCLK.
SCLK
Serial Clock:
Clock of the SPI interface.
SS
Slave Select:
Selects as a slave device and enables the SPI interface.
VSSA
Analog Ground
: Ground path for analog circuitry.
AnaIn
AnaIn:
Auxiliary analog input to the device for recording or feed-through.
MIC+
MIC+:
Non-inverting input of the differential microphone signal.
MIC-
MIC-:
Inverting input of the differential microphone signal.
VSSP2
Ground
: Ground path for negative PWM speaker drive.
SP-
SP-
: The negative Class D PWM speaker output.
VCCP
Power Supply for PWM Speaker Driver
: Power for PWM speaker drive.
SP+
SP+:
The positive Class D PWM speaker output.
VSSP1
Ground
: Ground path for positive PWM speaker drive.
AUD/AUX
Auxiliary Output
: Either an AUD (current) or AUX (voltage) output.
AGC
Automatic Gain Control (AGC)
: The AGC adjusts the gain of the
microphone preamplifier circuitry.
VOL
Volume:
This control has 8 levels of volume adjustment.
ROSC
Oscillator Resistor
: A resistor determines the sample frequency of the
device, which sets the duration.
VCCA
Analog Power Supply
. Power supply for analog circuitry.
FT
Feed-through:
Enable the feed-through path for AnaIn signal to the
outputs.
PLAY
Playback:
Plays the recorded message individually, or plays messages
sequential in a looping mode.
REC
Record:
When active, starts recording message.
ERASE
Erase:
When active, can erase individual message or do global erase.
FWD
Forward:
Advances to the next message from the current location.
INT
RDY
An open drain output. Can review ready or interrupt status.
VSSD
Digital Ground
: Ground path for digital circuitry


Similar Part No. - ISD1760EYR01

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

Similar Description - ISD1760EYR01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com