Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F326ASAPMC-GE2 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB96F326ASAPMC-GE2
Description  16-bit Proprietary Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F326ASAPMC-GE2 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB96F326ASAPMC-GE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F326ASAPMC-GE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 159 page
background image
MB96300 Series
Preliminary Specification
4
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
s FEATURES
16-bit core CPU, up to 56 MHz internal, 17.8 ns instruction cycle time
0.18
µm CMOS Process Technology
Optimized instruction set for controller applications (bit, byte, word and long-word data types; 23 different
addressing modes; barrel shift; variety of pointers)
8-byte instruction execution queue
Signed multiply (16 bit
× 16 bit) and divide (32 bit/16 bit) instructions available
Internal voltage regulator supports reduced internal MCU voltage, offering low EMI and low power
consumption figures
Code Security Feature
Up to 5 FULL-CAN interfaces; conforming to Version 2.0 Part A and Part B, ISO16845 certified
Powerful interrupt functions (8 progr. priority levels; up to 16 external interrupts)
Fast Interrupt processing
Up to 16 channels DMA - Automatic transfer function independent of CPU, can be assigned freely to
resources
Three independent clock timers (23-bit RC clock timer, 23-bit Main clock timer, 17-bit Sub clock timer)
Watchdog Timer
Up to 10 channels full duplex USARTs (SCI/LIN)
Up to 2 channels I2C with 400 kbit/s
Up to 40 channels analog inputs for A/D Converter (Resolution 10 bits or 8 bits)
Up to 6 channels16-bit reload timer
Up to 12 channels ICU (Input capture unit) 16 bit
Up to 12 channels OCU (Output compare unit) 16 bit
Up to 4 channels 16-bit free running timer
Up to 20 channels
× 16-bit Programmable Pulse Generator
Up to 6 channels Stepper Motor Controller with integrated high current output drivers
LCD controller with up to 4 COM
× 72 SEG, internal or external voltage generation
Memory Patch Function, can also be used to implement embedded debug support
Low Power Consumption - 13 operating modes : (different Run, Sleep, Timer modes, Stop mode)
3-32 MHz external clock, on-chip PLL with programmable multiplication factor 1 ... 16
32 kHz Subsystem Clock
100kHz/2MHz internal RC clock
External bus interface with up to 6 Chip select signals, 8bit or 16bit data, 24bit address, multiplexed or non-
multiplexed, programmable timing
Up to 2 channels Alarm comparators
Programmable input levels (Automotive / CMOS-Schmitt trigger / TTL) for all ports
Programmable Pull-up resistors for all ports
Programmable output driving strength for EMI optimization
Package : 48-pin / 64-pin / 80-pin /100-pin / 120-pin plastic QFP and LQFP


Similar Part No. - MB96F326ASAPMC-GE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F326ASBPMC-GSE2 FUJITSU-MB96F326ASBPMC-GSE2 Datasheet
2Mb / 108P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB96F326ASBPMC-GSE2 CYPRESS-MB96F326ASBPMC-GSE2 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
More results

Similar Description - MB96F326ASAPMC-GE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com