Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK761R8-30C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK761R8-30C
Description  N-channel TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK761R8-30C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK761R8-30C Datasheet HTML 2Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 3Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 4Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 5Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 6Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 7Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 8Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 9Page - NXP Semiconductors BUK761R8-30C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BUK761R8-30C_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
6 of 15
NXP Semiconductors
BUK761R8-30C
N-channel TrenchMOS standard level FET
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj =25 °C
-
0.02
1
μA
VDS =30V; VGS =0V;
Tj = 175 °C
--
500
μA
IGSS
gate leakage current
VDS =0V; VGS =20V; Tj =25 °C
-
2
100
nA
VDS =0V; VGS =-20 V;
Tj =25 °C
-2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A;
Tj = 175 °C; see Figure 12 and
13
--
3.4
m
Ω
VGS =10V; ID =25A; Tj =25 °C;
see Figure 12 and 13
-1.5
1.8
m
Ω
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25 °C;
see Figure 16
-0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/μs;
VGS =0V; VDS =25V
-73
-
ns
Qr
recovered charge
IS =20A; dIS/dt = -100 A/μs;
VGS =0V; VDS =25V
-48
-
nC
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =24V;
VGS =10V; see Figure 14
-150
-nC
QGS
gate-source charge
ID =25A; VDS =24V;
VGS =10V; see Figure 14
-36
-
nC
QGD
gate-drain charge
ID =25A; VDS =24V;
VGS =10V; see Figure 14
-52
-
nC
VGS(pl)
gate-source plateau
voltage
ID =25A; VDS =24V;
see Figure 14
-5
-V
Ciss
input capacitance
VGS =0V; VDS =25V;
f=1MHz; Tj =25 °C;
see Figure 15
-
7762
10349
pF
Coss
output capacitance
VGS =0V; VDS =25V;
f=1MHz; Tj =25 °C;
see Figure 15
-
1807
2168
pF
Crss
reverse transfer
capacitance
VGS =0V; VDS =25V;
f=1MHz; Tj =25 °C;
see Figure 15
-
996
1365
pF
td(on)
turn-on delay time
VDS =25V; RL =1.2 Ω;
VGS =10V; RG(ext) =10 Ω
-52
-
ns
tr
rise time
VDS =25V; RL =1.2 Ω;
VGS =10V; RG(ext) =10 Ω
-110
-ns
td(off)
turn-off delay time
VDS =25V; RL =1.2 Ω;
VGS =10V; RG(ext) =10 Ω
-186
-ns
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - BUK761R8-30C

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK761R8-30C NEXPERIA-BUK761R8-30C Datasheet
325Kb / 16P
   N-channel TrenchMOS standard level FET
Rev. 02 - 20 August 2007
More results

Similar Description - BUK761R8-30C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com