Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGD1044H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CGD1044H
Description  1 GHz, 25 dB gain high output power doubler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CGD1044H Datasheet(HTML) 4 Page - NXP Semiconductors

  CGD1044H Datasheet HTML 1Page - NXP Semiconductors CGD1044H Datasheet HTML 2Page - NXP Semiconductors CGD1044H Datasheet HTML 3Page - NXP Semiconductors CGD1044H Datasheet HTML 4Page - NXP Semiconductors CGD1044H Datasheet HTML 5Page - NXP Semiconductors CGD1044H Datasheet HTML 6Page - NXP Semiconductors CGD1044H Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CGD1044H_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 10 October 2007
4 of 7
NXP Semiconductors
CGD1044H
1 GHz, 25 dB gain high output power doubler
6.
Package outline
Fig 1.
Package outline SOT115J
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U2
U1
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7 8.8
4.15
3.85
2.4
38.1 25.4 10.2 4.2
44.75
44.25
8.2
7.8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
0.7
x
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
x M B
y M B
B
99-02-06
04-02-04
y M B


Similar Part No. - CGD1044H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1044H NXP-CGD1044H Datasheet
300Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
   1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1044HI NXP-CGD1044HI Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
More results

Similar Description - CGD1044H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
logo
Quanzhou Jinmei Electro...
CGD1044H_2015 JMNIC-CGD1044H_2015 Datasheet
58Kb / 7P
   1 GHz, 25 dB gain high output power doubler
logo
NXP Semiconductors
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
   1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1042H NXP-CGD1042H_09 Datasheet
300Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1042H NXP-CGD1042H Datasheet
51Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 01 - 9 October 2007
logo
Quanzhou Jinmei Electro...
CGD1042H_2015 JMNIC-CGD1042H_2015 Datasheet
58Kb / 7P
   1 GHz, 23 dB gain high output power doubler
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
NXP Semiconductors
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
   1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
   1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com