Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2141 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2141
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2141 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2141 Datasheet HTML 6Page - NXP Semiconductors LPC2141 Datasheet HTML 7Page - NXP Semiconductors LPC2141 Datasheet HTML 8Page - NXP Semiconductors LPC2141 Datasheet HTML 9Page - NXP Semiconductors LPC2141 Datasheet HTML 10Page - NXP Semiconductors LPC2141 Datasheet HTML 11Page - NXP Semiconductors LPC2141 Datasheet HTML 12Page - NXP Semiconductors LPC2141 Datasheet HTML 13Page - NXP Semiconductors LPC2141 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LPC2141_42_44_46_48_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 October 2007
10 of 39
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
P0.31/UP_LED/
CONNECT
17[6]
O
P0.31 — General purpose output only digital pin (GPO)
O
UP_LED — USB GoodLink LED indicator, it is LOW when device is
configured (non-control endpoints enabled), it is HIGH when the device is not
configured or during global suspend
O
CONNECT — Signal used to switch an external 1.5 k
Ω resistor under the
software control, used with the SoftConnect USB feature
Important: This is an digital output only pin, this pin MUST NOT be externally
pulled LOW when RESET pin is LOW or the JTAG port will be disabled
P1.0 to P1.31
I/O
Port 1: Port 1 is a 32-bit bidirectional I/O port with individual direction controls
for each bit, the operation of port 1 pins depends upon the pin function
selected via the pin connect block, pins 0 through 15 of port 1 are not
available
P1.16/
TRACEPKT0
16[6]
I/O
P1.16 — General purpose input/output digital pin (GPIO)
O
TRACEPKT0 — Trace Packet, bit 0, standard I/O port with internal pull-up
P1.17/
TRACEPKT1
12[6]
I/O
P1.17 — General purpose input/output digital pin (GPIO)
O
TRACEPKT1 — Trace Packet, bit 1, standard I/O port with internal pull-up
P1.18/
TRACEPKT2
8[6]
I/O
P1.18 — General purpose input/output digital pin (GPIO)
O
TRACEPKT2 — Trace Packet, bit 2, standard I/O port with internal pull-up
P1.19/
TRACEPKT3
4[6]
I/O
P1.19 — General purpose input/output digital pin (GPIO)
O
TRACEPKT3 — Trace Packet, bit 3, standard I/O port with internal pull-up
P1.20/
TRACESYNC
48[6]
I/O
P1.20 — General purpose input/output digital pin (GPIO)
O
TRACESYNC — Trace Synchronization, standard I/O port with internal
pull-up
Note: LOW on this pin while RESET is LOW enables pins P1.25:16 to
operate as Trace port after reset
P1.21/
PIPESTAT0
44[6]
I/O
P1.21 — General purpose input/output digital pin (GPIO)
O
PIPESTAT0 — Pipeline Status, bit 0, standard I/O port with internal pull-up
P1.22/
PIPESTAT1
40[6]
I/O
P1.22 — General purpose input/output digital pin (GPIO)
O
PIPESTAT1 — Pipeline Status, bit 1, standard I/O port with internal pull-up
P1.23/
PIPESTAT2
36[6]
I/O
P1.23 — General purpose input/output digital pin (GPIO)
O
PIPESTAT2 — Pipeline Status, bit 2, standard I/O port with internal pull-up
P1.24/
TRACECLK
32[6]
I/O
P1.24 — General purpose input/output digital pin (GPIO)
O
TRACECLK — Trace Clock, standard I/O port with internal pull-up
P1.25/EXTIN0
28[6]
I/O
P1.25 — General purpose input/output digital pin (GPIO)
I
EXTIN0 — External Trigger Input, standard I/O with internal pull-up
P1.26/RTCK
24[6]
I/O
P1.26 — General purpose input/output digital pin (GPIO)
I/O
RTCK — Returned Test Clock output, extra signal added to the JTAG port,
assists debugger synchronization when processor frequency varies,
bidirectional pin with internal pull-up
Note: LOW on RTCK while RESET is LOW enables pins P1.31:26 to operate
as Debug port after reset
P1.27/TDO
64[6]
I/O
P1.27 — General purpose input/output digital pin (GPIO)
O
TDO — Test Data out for JTAG interface
Table 3.
Pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - LPC2141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2141 PHILIPS-LPC2141 Datasheet
193Kb / 38P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 01-3 October 2005
LPC2141 NXP-LPC2141 Datasheet
192Kb / 40P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2141 NXP-LPC2141 Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
LPC2141 NXP-LPC2141 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2141 NXP-LPC2141 Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
More results

Similar Description - LPC2141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2141 PHILIPS-LPC2141_15 Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2141 PHILIPS-LPC2141 Datasheet
193Kb / 38P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 01-3 October 2005
LPC2141 NXP-LPC2141_08 Datasheet
192Kb / 40P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2141FBD64-S NXP-LPC2141FBD64-S Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com