Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89T16R1L16 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part # SM89T16R1L16
Description  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1L16 Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM89T16R1L16 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SyncMOS Technologies International, Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89T16R1 08/2006
8
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
-40
25
85
Ambient temperature under bias
VCC33
Supply voltage
3.0
3.3
3.6
V
VCC5
Supply voltage
4.5
5.0
5.5
V
Fosc 16
Oscillator Frequency
16
MHz
For 3.3V application
Fosc 25
Oscillator Frequency
25
MHz
For 5.0V application
DC Characteristic
VCC = 5V (±10%), VSS=0V TA= -40℃ to 85℃
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
MAX
UNIT
VCC
Supply Voltage
4.5
5.5
V
ICC
Supply current operating
See notes 1
fCLK = 12MHz VCC = 5.0V
30
mA
IID
Supply current IDLE Mode
See note 2
fCLK = 12MHz VCC = 5.0V
15
mA
Supply current Power-Down MODE RTC
Disable
See note 3;VCC = 5.5V
30
µA
IPD
Supply current Power-Down MODE RTC
Enable
See note 3;VCC = 5.5V
100
uA
INPUT
VIL1
Input LOW voltage, P0, P1, P2, P3, P4, /EA
-0.5
0.8
V
VIL2
Input LOW voltage, RES, XTAL1
0
0.8
V
VIH1
Input HIGH voltage, P0, P1, P2, P3, P4, /EA
2.0
Vcc+0.5
V
VIH2
Input HIGH voltage, RES, XTAL1
70%VCC
Vcc+0.5
V
IIL
Input current LOW level Port 1,2,3,4
VIN = 0.45V
-75
µA
ITL
Transition current High to Low Port 1,2,3,4
VIN = 2.0 V
-650
µA
ILI
Input leakage current
0.45V < VIN < VCC-0.3V
±
10
µA
OUTPUT
VOL1
Output LOW voltage, Port 0,ALE, /PSEN
IOL = 3.2mA,VCC=5.0V
0.45
V
VOL2
Output LOW voltage, Port 1, 2, 3, 4
IOL = 1.6mA,VCC =5.0V
0.45
V
VOH1
Output High voltage Port0 ALE, /PSEN
IOH = -800uA,VCC =5.0V
2.4
V
VOH1
Output High voltage Port 1,2,3,4
IOH = -60
µA,VCC =5.0V
2.4
V
RRST
Internal RESET pull-down resistor
50
300
k
CIO
Pin capacitance
Test freq=1MHz, TA=25℃
10
pF
VCC = 3.3V (±10%), VSS=0V , TA=-40℃ to 85℃
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
MAX
UNIT
VCC
Supply Voltage
3.0
3.6
V
ICC
Supply current operating
See notes 1
fCLK = 12MHz VCC = 3.6V
20
mA
IID
Supply current IDLE Mode
See note 2
fCLK = 12MHz VCC = 3.6V
10
mA
Supply current Power-Down MODE RTC Disable
See note 3;VCC = 3.6V
20
µA
IPD
Supply current Power-Down MODE RTC Enable
See note 3;VCC = 3.6V
30
µA
INPUT
VIL1
Input LOW voltage, P0, P1, P2, P3, P4, /EA
VCC = 3.6V
0
0.2 VCC
-0.2
V
VIL2
Input LOW voltage, RST,XTAL1
VCC = 3.6V
0
0.2 VCC
-0.2
V
VIH1
Input HIGH voltage, P0, P1, P2, P3, P4, /EA
VCC = 3.6V
0
0.2 VCC
-0.2
V
VIH2
Input HIGH voltage, RST
VCC = 3.6V
0.6 VCC
-0.4
VCC + 0.2
V
VIH3
Input HIGH voltage, XTAL1
VCC = 3.6V
0.6 VCC
VCC + 0.2
V


Similar Part No. - SM89T16R1L16

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89T16R1L16 SYNCMOS-SM89T16R1L16 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results

Similar Description - SM89T16R1L16

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com