Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5964 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM5964
Description  8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM5964 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SyncMOS Technologies International, Inc.
SM5964
8-Bits Micro-controller
64KB ISP flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.2 SM5964 08/2006
11
ISP Flash Data Register (ISPFD, $F6)
bit-7
bit-0
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
Read / Write:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value:
0
0
0
0
0
0
0
0
FD7 ~FD0 : flash data for ISP function
The ISPFD provide the 8-bit data for ISP function
ISP Flash Control Register (ISPC, $F7)
bit-7
bit-0
START
Unused
Unused
Unused
Unused
Unused
ISPF1
ISPF0
Read / Write:
R/W
-
-
-
-
-
R/W
R/W
Reset value:
0
*
*
*
*
*
0
0
F[1: 0]: ISP function select bit
START: ISP function start bit
= 1: start ISP function which indicated by bit 1, bit 0 (F1, F0)
= 0: no operation
The START bit is read-only by default, software must write three specific values 55H, AAH and 55H sequentially to the
ISPFD register to enable the START bit write attribute. That is:
MOV ISPFD, #55H
MOV ISPFD, #0AAH
MOV ISPFD, #55H
Any attempt to set START bit will not be allowed without the procedure above.
After START bit set to 1 then the SM5964 hardware circuit will latch address and data bus and hold the program
counter until the START bit reset to 0 when ISP function finished. User does not need to check START bit status by
software method.
F[1:0]
ISP function
00
Byte program
01
Chip protect
10
Page erase
11
Chip erase
F[1:0]: ISP function select bit
One page of flash memory is 512 byte.


Similar Part No. - SM5964

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Similar Description - SM5964

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com