Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57869S0302+140 Datasheet(PDF) 6 Page - EPCOS

Part # B57869S0302+140
Description  NTC thermistors for temperature measurement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57869S0302+140 Datasheet(HTML) 6 Page - EPCOS

Back Button B57869S0302+140 Datasheet HTML 2Page - EPCOS B57869S0302+140 Datasheet HTML 3Page - EPCOS B57869S0302+140 Datasheet HTML 4Page - EPCOS B57869S0302+140 Datasheet HTML 5Page - EPCOS B57869S0302+140 Datasheet HTML 6Page - EPCOS B57869S0302+140 Datasheet HTML 7Page - EPCOS B57869S0302+140 Datasheet HTML 8Page - EPCOS B57869S0302+140 Datasheet HTML 9Page - EPCOS B57869S0302+140 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
B57869S0302G140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 3000
Ω, T
R = 25
°C, ∆R
R/RR =
± %
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
95.0
236.6
228.0
245.1
3.6
1.2
3.0
100.0
204.0
196.2
211.8
3.8
1.3
2.9
105.0
176.6
169.5
183.6
4.0
1.4
2.9
110.0
153.4
147.0
159.8
4.2
1.5
2.8
115.0
133.6
127.4
139.8
4.6
1.7
2.7
120.0
116.8
111.2
122.4
4.8
1.8
2.7
125.0
102.5
97.46
107.6
4.9
1.9
2.6
130.0
90.27
85.70
94.84
5.1
2.0
2.5
135.0
79.63
75.30
83.97
5.4
2.2
2.5
140.0
70.44
66.52
74.36
5.6
2.3
2.4
145.0
62.50
58.95
66.04
5.7
2.4
2.4
150.0
55.59
52.38
58.80
5.8
2.5
2.3
155.0
49.60
46.58
52.63
6.1
2.7
2.3
B57869S0502F140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
481520
456570
506480
5.2
0.7
7.4
50.0
335050
318300
351800
5.0
0.7
7.1
45.0
235840
226090
245600
4.1
0.6
6.9
40.0
168250
161530
174970
4.0
0.6
6.7
35.0
121300
117390
125200
3.2
0.5
6.4
30.0
88500
85749
91251
3.1
0.5
6.2
25.0
65185
63226
67144
3.0
0.5
6.0
20.0
48535
47406
49664
2.3
0.4
5.8
15.0
36465
35644
37285
2.3
0.4
5.6
10.0
27665
27213
28117
1.6
0.3
5.4
5.0
21158
20823
21492
1.6
0.3
5.3
0.0
16325
16158
16492
1.0
0.2
5.1
5.0
12694
12568
12820
1.0
0.2
5.0
10.0
9950
9854
10046
1.0
0.2
4.8
15.0
7854
7781
7927
0.9
0.2
4.7
20.0
6245
6189
6301
0.9
0.2
4.5
25.0
5000
4956
5044
0.9
0.2
4.4
30.0
4029
3994
4063
0.9
0.2
4.3
35.0
3266
3239
3293
0.8
0.2
4.1
40.0
2664
2642
2685
0.8
0.2
4.0
45.0
2184
2167
2201
0.8
0.2
3.9
Temperature measurement
B57869
Miniature sensors with bendable wires
S869
Page 6 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57869S0302+140

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57869S0302+140 EPCOS-B57869S0302+140 Datasheet
61Kb / 3P
   Heating and air conditioning systems
logo
TDK Electronics
B57869S0302+140 TDK-B57869S0302+140 Datasheet
442Kb / 18P
   Miniature sensors with bendable wires
More results

Similar Description - B57869S0302+140

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com