Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RC2FA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89CV51RC2FA
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RC2FA Datasheet(HTML) 1 Page - NXP Semiconductors

  P89CV51RC2FA Datasheet HTML 1Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 2Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 3Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 4Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 5Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 6Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 7Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 8Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
1.
General description
The P89CV51RB2/RC2/RD2 are three types of 80C51 microcontroller with respectively
16 kB/32 kB/64 kB flash and 1 kB of data RAM. These devices are designed to be drop-in
and software-compatible replacements for the popular P89C51RB2/RC2/RD2 devices.
Both the In-System Programming (ISP) and In-Application Programming (IAP) boot codes
are upward compatible.
Additional features of the P89CV51RB2/RC2/RD2 devices compared to the
P89C51RB2/RC2/RD2 are the inclusion of an SPI interface, larger RAM size, and the
ability to erase code memory in 128-B page blocks.
The IAP capability combined with the 128-B page size allows for efficient use of the code
memory for non-volatile data storage.
2.
Features
2.1 Principal features
I Supports 12-clock (default) or 6-clock mode selection via ISP or parallel programmer
I 6-clock/12-clock mode programmable “on-the-fly” by an SFR bit
I Peripherals (PCA, timers, UART) may use either 6-clock or 12-clock mode while the
CPU is in 6-clock mode
I 128-B page erase for efficient use of code memory as non-volatile data storage
I 0 MHz to 40 MHz operating frequency in 12× mode, 20 MHz in 6× mode
I 16/32/64 kB of on-chip flash user-code memory with ISP and IAP
I 1 kB RAM
I SPI (Serial Peripheral Interface) and enhanced UART
I PCA (Programmable Counter Array) with PWM and capture/compare functions
I Three 16-bit timers/counters
2.2 Additional features
I Four 8-bit I/O ports
I WatchDog Timer (WDT)
I 30 ms page erase, 150 ms block erase
I PLCC44 and TQFP44 packages
I Ten interrupt sources with four priority levels
I Second DPTR register
I Low EMI mode (ALE inhibit)
P89CV51RB2/RC2/RD2
8-bit 80C51 5 V low power 64 kB flash microcontroller with
1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01 — 5 October 2007
Product data sheet


Similar Part No. - P89CV51RC2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RC2FA NXP-P89CV51RC2FA Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
More results

Similar Description - P89CV51RC2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2_09 Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com