Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RC2FA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89CV51RC2FA
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RC2FA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89CV51RC2FA Datasheet HTML 7Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 8Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 9Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 10Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 11Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 12Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 13Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 14Page - NXP Semiconductors P89CV51RC2FA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Unimplemented bits in SFRs (labeled ‘-’) are ‘X’ (unknown) at all times. Unless otherwise specified, 1s should not be written to these bits since they may be used for other
purposes in future derivatives. The reset values shown for these bits are 0s although they are unknown when read.
Bit address
87
86
85
84
83
82
81
80
SPCR
SPI Control Register
D5H
SPIE
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
SPSR
SPI Status Register
AAH
SPIF
WCOL
-
-
----
SPDAT
SPI Data
86H
--------
SP
Stack Pointer
81H
--------
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer/counter Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit address
CF
CE
CD
CC
CB
CA
C9
C8
T2CON*
Timer/counter 2 Control
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
T2MOD
Timer 2 Mode control
C9H
------
T2OE
DCEN
TH0
Timer 0 High
8CH
--------
TH1
Timer 1 High
8DH
--------
TH2
Timer 2 High
CDH
--------
TL0
Timer 0 Low
8AH
--------
TL1
Timer 1 Low
8BH
--------
TL2
Timer 2 Low
CCH
--------
TMOD
Timer/counter 0 and 1 Mode
89H
T1GATE
T1C/T
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0
WDTRST
WatchDog Timer Reset
A6H
--------
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
address
Bit functions and addresses[1]
MSB
LSB


Similar Part No. - P89CV51RC2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RC2FA NXP-P89CV51RC2FA Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
More results

Similar Description - P89CV51RC2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2_09 Datasheet
345Kb / 76P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 03-25 August 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com