Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8951A Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

Part # SM8951A
Description  8-Bits Micro-controller With 4/8KB flash embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8951A Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM8951A_06 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8951A_06 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SyncMOS Technologies International, Inc.
SM8951A/8952A
8-Bits Micro-controller
With 4/8KB flash embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8951A/8952A 08/2006
1
Product List
SM8951A/8952AL25, 25MHz 4/8KB internal flash MCU
SM8951A/8952AC25, 25MHz 4/8KB internal flash MCU
SM8951A/8952AC40, 40MHz 4/8KB internal flash MCU
Description
The SM8951A/8952A series product is an 8-bit single
chip micro controller with 4/8 KB flash embedded. It
provides hard-ware features and a powerful instruction
set, necessary to make it a versatile and cost effective
controller for those applications demand up to 32 I/O
pins or need up to 4/8 KB flash memory either for
program or for data or mixed.
To program the flash block, a commercial programmer
is capable to do it.
Ordering Information
yymmv
SM8951A/8952AihhkL
yy: year, ww: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
L:PB Free identifier
{No text is Non-PB Free,”P”is PB Free}
Postfix
Package
Pin / Pad
Configuration
Dimension
P
40L PDIP
Page 2
Page 13
J
44L PLCC
Page 2
Page 14
Q
44L QFP
Page 2
Page 15/16
Features
Working Voltage: 3.0V ~ 3.6V For L Version.
4.5V ~ 5.5V For C Version.
General 8052 family compatible
12 clocks per machine cycle
4/8K internal flash memory
256 bytes data RAM
2/3 16 bit timers/counters
Four 8-bit I/O ports
Full duplex serial channel
Bit operation instruction
Industrial Level
8-bit unsigned division
8-bit unsigned multiply
BCD arithmetic
Direct addressing
Indirect addressing
Nested interrupt
Two priority level interrupt
A serial I/O port
Power save modes:
Idle mode and Power down mode
Code protection function
One watch dog timer(WDT)
Low EMI (inhibit ALE)
Taiwan
6F, No.10-2 Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


Similar Part No. - SM8951A_06

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
More results

Similar Description - SM8951A_06

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com