Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2612 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # VCA2612
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA2612 Datasheet(HTML) 5 Page - Texas Instruments

  VCA2612 Datasheet HTML 1Page - Texas Instruments VCA2612 Datasheet HTML 2Page - Texas Instruments VCA2612 Datasheet HTML 3Page - Texas Instruments VCA2612 Datasheet HTML 4Page - Texas Instruments VCA2612 Datasheet HTML 5Page - Texas Instruments VCA2612 Datasheet HTML 6Page - Texas Instruments VCA2612 Datasheet HTML 7Page - Texas Instruments VCA2612 Datasheet HTML 8Page - Texas Instruments VCA2612 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V, DC Parameters
10
1
0.1
GainResistor(
)
W
10
100
1k
I
=2.6mA
RG MAX
V
(V
)=2 ´ R
I
(A )
´
INMAX
PP
G
RG MAX
P
40
35
30
25
20
15
10
5
0
FeedbackResistor(
)
W
100
1k
10k
I
=2.6mA
RG
A
(V/V)=2 ´ [R /V (V )]
2
I
(A
´
´
)
VMAX
F
IN
PP
P
RG
V
=1V
O
PP
V
=2V
O
PP
V
=4V
O
PP
V
=3V
O
PP
11
10
9
8
7
6
5
4
3
2
1
0
-1
ControlVoltage(V)
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
RelativeErrorto
MaximumGain
AbsoluteError
60
50
40
30
20
10
0
OutputVoltage(V
)
PP
0.1
1
10
I
=2.6mA
RG
A
(V/V)=2 ´ [R /V (V )]
2
I
(A
´
´
)
VMAX
F
IN
P
PP
RG
R
F
=3kW
R
F
=2kW
R
F
=1.5kW
R
F
=1kW
R
F
=500W
R
F
=4kW
R
F
=5kW
21
20
19
18
17
16
15
14
13
ControlVoltage(V)
0
0.2
0.4
0.6
0.8
1.0
RelativeErrortoLinearRegression
LinearRegression
DataEquation:
y=20log(4.9619x+5.0169)
Data
24
22
20
18
16
14
12
10
8
6
4
2
0
-2
-4
-6
ControlVoltage(V)
-0.8
-0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1.0
RelativeErrortoLinearRegression
LinearRegression
DataEquation:
y=20log(4.9619x+5.0169)
Data
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
At TA = +25°C, RL = 100Ω, VG = +1V, and VIN = single-ended input on +VIN with –VIN at ground, unless otherwise noted.
MAXIMUM DIFFERENTIAL INPUT VOLTAGE vs RG
MAXIMUM GAIN ADJUST RANGE vs RF
Figure 3.
Figure 4.
MAXIMUM GAIN ADJUST RANGE vs
GAIN ERROR BAND vs
PEAK-TO-PEAK OUTPUT VOLTAGE
GAIN CONTROL VOLTAGE
Figure 5.
Figure 6.
GAIN ERROR BAND vs
GAIN ERROR BAND vs
GAIN CONTROL VOLTAGE
GAIN CONTROL VOLTAGE
Figure 7.
Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): VCA822


Similar Part No. - VCA2612

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Texas Instruments
VCA2612 TI1-VCA2612 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA2612 TI1-VCA2612 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA2612 TI1-VCA2612 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2612Y BURR-BROWN-VCA2612Y Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results

Similar Description - VCA2612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com