Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2615 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # VCA2615
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA2615 Datasheet(HTML) 8 Page - Texas Instruments

Back Button VCA2615 Datasheet HTML 4Page - Texas Instruments VCA2615 Datasheet HTML 5Page - Texas Instruments VCA2615 Datasheet HTML 6Page - Texas Instruments VCA2615 Datasheet HTML 7Page - Texas Instruments VCA2615 Datasheet HTML 8Page - Texas Instruments VCA2615 Datasheet HTML 9Page - Texas Instruments VCA2615 Datasheet HTML 10Page - Texas Instruments VCA2615 Datasheet HTML 11Page - Texas Instruments VCA2615 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
Frequency(MHz)
0.1
1
10
100
V
=+1V
G
A
=+2V/V
VMAX
V
=2V
O
PP
R =100W
L
2nd-Harmonic
3rd-Harmonic
-60
-65
-70
-75
-80
-85
Resistance(
)
W
100
1k
A
VMAX
O
PP
=+2V/V
V
=2V
f=20MHz
V
=+1V
G
2nd-Harmonic
3rd-Harmonic
-40
-45
-50
-55
-60
-65
-70
GainControlVoltage(V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
2nd-Harmonic
3rd-Harmonic
V
=2V
O
PP
A
VMAX
=+2V/V
R =100W
L
f=20MHz
MaximumCurrentThroughR
Limited
G
-50
-55
-60
-65
-70
-75
-80
OutputVoltageSwing(V
)
PP
0.1
1
10
V
=+1V
G
A
VMAX
=+2V/V
R =100W
L
f=20MHz
2nd-Harmonic
3rd-Harmonic
45
40
35
30
25
20
Frequency(MHz)
0
10
20
30
40
50
60
70
At50
MatchedLoad
W
40
38
36
34
32
30
28
26
24
22
20
GainControlVoltage(V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
ConstantInputVoltage
ConstantOutputVoltage
f
=20MHz
At50
MatchedLoad
IN
W
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = +2V/V (continued)
At TA = +25°C, RL = 100Ω, RF = 1.33kΩ, RG = 1.33kΩ, VG = +1V, VIN = single-ended input on +VIN with –VIN at ground, and
SO-14 package, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 20.
Figure 21.
HARMONIC DISTORTION vs
HARMONIC DISTORTION vs
OUTPUT VOLTAGE
GAIN CONTROL VOLTAGE
Figure 22.
Figure 23.
TWO-TONE, 3RD-ORDER
TWO-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
INTERMODULATION INTERCEPT
vs GAIN CONTROL VOLTAGE
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): VCA822


Similar Part No. - VCA2615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2615 BURR-BROWN-VCA2615 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
Texas Instruments
VCA2615 TI1-VCA2615 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA2615PFBR TI1-VCA2615PFBR Datasheet
1Mb / 33P
[Old version datasheet]   Dual, Low-Noise
VCA2615PFBT TI1-VCA2615PFBT Datasheet
1Mb / 33P
[Old version datasheet]   Dual, Low-Noise
More results

Similar Description - VCA2615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com